Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z8F021ASH020SC Datasheet(PDF) 89 Page - Zilog, Inc.

Part # Z8F021ASH020SC
Description  Z8 Encore XP-R 4K Series High-Performance 8-Bit Microcontrollers
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F021ASH020SC Datasheet(HTML) 89 Page - Zilog, Inc.

Back Button Z8F021ASH020SC Datasheet HTML 85Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 86Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 87Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 88Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 89Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 90Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 91Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 92Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 93Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 276 page
background image
PS022815-0206
Timers
Z8 Encore! XP® 4K Series
Product Specification
70
duration of the negative phase of the PWM signal (as defined by the difference
between the PWM registers and the Timer Reload registers).
5. Write to the Timer Reload High and Low Byte registers to set the Reload value (PWM
period). The Reload value must be greater than the PWM value.
6. If appropriate, enable the timer interrupt and set the timer interrupt priority by writing
to the relevant interrupt registers.
7. Configure the associated GPIO port pin for the Timer Output and Timer Output
Complement alternate functions. The Timer Output Complement function is shared
with the Timer Input function for both timers. Setting the timer mode to Dual PWM
automatically switches the function from Timer In to Timer Out Complement.
8. Write to the Timer Control register to enable the timer and initiate counting.
The PWM period is represented by the following equation:
If an initial starting value other than 0001H is loaded into the Timer High and Low Byte
registers, the ONE-SHOT mode equation determines the first PWM time-out period.
If TPOL is set to 0, the ratio of the PWM output High time to the total period is repre-
sented by:
If TPOL is set to 1, the ratio of the PWM output High time to the total period is repre-
sented by:
CAPTURE Mode
In CAPTURE mode, the current timer count value is recorded when the appropriate exter-
nal Timer Input transition occurs. The Capture count value is written to the Timer PWM
High and Low Byte Registers. The timer input is the system clock. The TPOL bit in the
Timer Control register determines if the Capture occurs on a rising edge or a falling edge
of the Timer Input signal. When the Capture event occurs, an interrupt is generated and the
timer continues counting. The INPCAP bit in TxCTL0 register is set to indicate the timer
interrupt is because of an input capture event.
The timer continues counting up to the 16-bit Reload value stored in the Timer Reload
High and Low Byte registers. Upon reaching the Reload value, the timer generates an
PWM Period (s)
Reload Value Prescale
×
System Clock Frequency (Hz)
----------------------------------------------------------------------------
=
PWM Output High Time Ratio (%)
Reload Value PWM Value
–
Reload Value
------------------------------------------------------------------------ 100
×
=
PWM Output High Time Ratio (%)
PWM Value
Reload Value
---------------------------------- 100
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com