Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z8F021ASH020SC Datasheet(PDF) 42 Page - Zilog, Inc.

Part # Z8F021ASH020SC
Description  Z8 Encore XP-R 4K Series High-Performance 8-Bit Microcontrollers
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F021ASH020SC Datasheet(HTML) 42 Page - Zilog, Inc.

Back Button Z8F021ASH020SC Datasheet HTML 38Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 39Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 40Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 41Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 42Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 43Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 44Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 45Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 46Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 276 page
background image
PS022815-0206
Reset, STOP Mode Recovery and Low Voltage Detection
Z8 Encore! XP® 4K Series
Product Specification
23
Figure 5.Power-On Reset Operation
Voltage Brown-Out Reset
The devices in the Z8 Encore! XP® 4K Series provide low voltage brown-out (VBO) pro-
tection. The VBO circuit senses when the supply voltage drops to an unsafe level (below
the VBO threshold voltage) and forces the device into the Reset state. While the supply
voltage remains below the Power-On Reset voltage threshold (VPOR), the VBO block
holds the device in the Reset.
After the supply voltage again exceeds the Power-On Reset voltage threshold, the device
progresses through a full System Reset sequence, as described in the Power-On Reset sec-
tion. Following Power-On Reset, the POR status bit in the Reset Status (RSTSTAT) regis-
ter is set to 1. Figure 6 illustrates Voltage Brown-Out operation. Refer to the chapter
Electrical Characteristics on page 212 for the VBO and POR threshold voltages (VVBO
and VPOR).
The Voltage Brown-Out circuit can be either enabled or disabled during STOP mode.
Operation during STOP mode is set by the VBO_AO Flash Option Bit. Refer to the Flash
Option Bits chapter for information about configuring VBO_AO.
VCC = 0.0V
VCC = 3.3V
VPOR
VVBO
Internal Precision
Internal RESET
signal
Program
Execution
Oscillator
Start-up
POR
counter delay
optional XTAL
counter delay
Oscillator
Crystal
Oscillator
Note: Not to Scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com