Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z8F021ASH020SC Datasheet(PDF) 34 Page - Zilog, Inc.

Part # Z8F021ASH020SC
Description  Z8 Encore XP-R 4K Series High-Performance 8-Bit Microcontrollers
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F021ASH020SC Datasheet(HTML) 34 Page - Zilog, Inc.

Back Button Z8F021ASH020SC Datasheet HTML 30Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 31Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 32Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 33Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 34Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 35Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 36Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 37Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 38Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 276 page
background image
PS022815-0206
Address Space
Z8 Encore! XP® 4K Series
Product Specification
15
Data Memory
The Z8 Encore! XP® 4K Series does not use the eZ8 CPU’s 64KB Data Memory address
space.
Flash Information Area
Table 7 describes the Z8 Encore! XP® 4K Series Flash Information Area. This 128B
Information Area is accessed by setting bit 7 of the Flash Page Select Register to 1. When
access is enabled, the Flash Information Area is mapped into the Program Memory and
overlays the 128 bytes at addresses FE00H to FF7FH. When the Information Area access is
enabled, all reads from these Program Memory addresses return the Information Area data
rather than the Program Memory data. Access to the Flash Information Area is read-only.
0006–0007
Illegal Instruction Trap
0008–0037
Interrupt Vectors*
0038-0039
Reserved
003A-003D
Oscillator Fail Trap Vectors
003E–03FF
Program Memory
Table 7. Z8 Encore! XP®4K Series Flash Memory Information Area Map
Program Memory Address (Hex) Function
FE00–FE3F
ZiLOG Option Bits/Calibration Data
FE40–FE53
Part Number
20-character ASCII alphanumeric code
Left justified and filled with FFH
FE54–FE5F
Reserved
FE60–FE7F
ZiLOG Calibration Data
FE80–FFFF
Reserved
Table 6. Z8 Encore! XP®4K Series Series Program Memory Maps (Continued)
Program Memory Address (Hex)
Function
* See
Table 33 on page 51 for a list of the interrupt vectors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com