Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z8F021ASH020SC Datasheet(PDF) 90 Page - Zilog, Inc.

Part # Z8F021ASH020SC
Description  Z8 Encore XP-R 4K Series High-Performance 8-Bit Microcontrollers
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F021ASH020SC Datasheet(HTML) 90 Page - Zilog, Inc.

Back Button Z8F021ASH020SC Datasheet HTML 86Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 87Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 88Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 89Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 90Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 91Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 92Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 93Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 94Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 276 page
background image
PS022815-0206
Timers
Z8 Encore! XP® 4K Series
Product Specification
71
interrupt and continues counting. The INPCAP bit in TxCTL0 register clears indicating
the timer interrupt is not because of an input capture event.
The steps for configuring a timer for CAPTURE mode and initiating the count are as fol-
lows:
1. Write to the Timer Control register to:
–
Disable the timer
–
Configure the timer for CAPTURE mode.
–
Set the prescale value.
–
Set the Capture edge (rising or falling) for the Timer Input.
2. Write to the Timer High and Low Byte registers to set the starting count value
(typically 0001H).
3. Write to the Timer Reload High and Low Byte registers to set the Reload value.
4. Clear the Timer PWM High and Low Byte registers to 0000H. Clearing these
registers allows user software to determine if interrupts were generated by either a
capture event or a reload. If the PWM High and Low Byte registers still contain
0000H
after the interrupt, the interrupt was generated by a Reload.
5. Enable the timer interrupt, if appropriate, and set the timer interrupt priority by writing
to the relevant interrupt registers. By default, the timer interrupt is generated for both
input capture and reload events. If appropriate, configure the timer interrupt to be
generated only at the input capture event or the reload event by setting TICONFIG
field of the TxCTL0 register.
6. Configure the associated GPIO port pin for the Timer Input alternate function.
7. Write to the Timer Control register to enable the timer and initiate counting.
In CAPTURE mode, the elapsed time from timer start to Capture event can be calculated
using the following equation:
CAPTURE RESTART Mode
In CAPTURE RESTART mode, the current timer count value is recorded when the accept-
able external Timer Input transition occurs. The Capture count value is written to the
Timer PWM High and Low Byte Registers. The timer input is the system clock. The
TPOL
bit in the Timer Control register determines if the Capture occurs on a rising edge or
a falling edge of the Timer Input signal. When the Capture event occurs, an interrupt is
generated and the count value in the Timer High and Low Byte registers is reset to 0001H
and counting resumes. The INPCAP bit in TxCTL0 register is set to indicate the timer
interrupt is because of an input capture event.
Capture Elapsed Time (s)
Capture Value Start Value
–
() Prescale
×
System Clock Frequency (Hz)
----------------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com