Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z8F021ASH020SC Datasheet(PDF) 71 Page - Zilog, Inc.

Part # Z8F021ASH020SC
Description  Z8 Encore XP-R 4K Series High-Performance 8-Bit Microcontrollers
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F021ASH020SC Datasheet(HTML) 71 Page - Zilog, Inc.

Back Button Z8F021ASH020SC Datasheet HTML 67Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 68Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 69Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 70Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 71Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 72Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 73Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 74Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 75Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 276 page
background image
PS022815-0206
Interrupt Controller
Z8 Encore! XP® 4K Series
Product Specification
52
Architecture
Figure 8 illustrates the interrupt controller block diagram.
Figure 8.Interrupt Controller Block Diagram
Operation
Master Interrupt Enable
The master interrupt enable bit (IRQE) in the Interrupt Control register globally enables
and disables interrupts.
Interrupts are globally enabled by any of the following actions:
• Execution of an EI (Enable Interrupt) instruction
• Execution of an IRET (Return from Interrupt) instruction
Lowest
0036H
Port C0, both input edges
0038H
Reserved
Table 33. Trap and Interrupt Vectors in Order of Priority (Continued)
Priority
Program Memory
Vector Address
Interrupt or Trap Source
Vector
IRQ Request
High
Priority
Medium
Priority
Low
Priority
Priority
Mux
Port Interrupts
Internal Interrupts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com