Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z8F021ASH020SC Datasheet(PDF) 26 Page - Zilog, Inc.

Part # Z8F021ASH020SC
Description  Z8 Encore XP-R 4K Series High-Performance 8-Bit Microcontrollers
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F021ASH020SC Datasheet(HTML) 26 Page - Zilog, Inc.

Back Button Z8F021ASH020SC Datasheet HTML 22Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 23Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 24Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 25Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 26Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 27Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 28Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 29Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 30Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 276 page
background image
PS022815-0206
Pin Description
Z8 Encore! XP® 4K Series
Product Specification
7
Pin Description
Overview
The Z8 Encore! XP® 4K Series products are available in a variety of packages styles and
pin configurations. This chapter describes the signals and available pin configurations for
each of the package styles. For information regarding the physical package specifications,
refer to the chapter Packaging on page 230.
Available Packages
Table 2 identifies the package styles that are available for each device in the Z8 Encore!
XP® 4K Series product line.
Pin Configurations
Figures 2 through Figures 4 illustrate the pin configurations for all of the packages avail-
able in the Z8 Encore! XP® 4K Series. Refer to Table 3 for a description of the signals.
The analog input alternate functions (ANAx) are not available on the Z8F041A, Z8F021A,
and Z8F011A devices. The analog supply pins (AVDD and AVSS) are also not available on
these parts, and are replaced by PB6 and PB7.
At reset, all Port A, B and C pins default to an input state. In addition, any alternate func-
tionality is not enabled, so the pins function as general purpose input ports until pro-
grammed otherwise. At powerup, the Port D0 pin defaults to the RESET alternate
function.
Table 2. Z8 Encore! XP® 4K Series Package Options
Part Number ADC
8-pin
PDIP
8-pin
SOIC
20-pin
PDIP
20-pin
SOIC
20-pin
SSOP
28-pin
PDIP
28-pin
SOIC
28-pin
SSOP
8-pin QFN/
MLF-S
Z8F042A
Yes
X
X
X
X
X
X
X
X
X
Z8F041A
No
X
X
X
X
X
X
X
X
X
Z8F022A
Yes
X
X
X
X
X
X
X
X
X
Z8F021A
No
X
X
X
X
X
X
X
X
X
Z8F012A
Yes
X
X
X
X
X
X
X
X
X
Z8F011A
No
X
X
X
X
XXX
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com