Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z8F021ASH020SC Datasheet(PDF) 15 Page - Zilog, Inc.

Part # Z8F021ASH020SC
Description  Z8 Encore XP-R 4K Series High-Performance 8-Bit Microcontrollers
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F021ASH020SC Datasheet(HTML) 15 Page - Zilog, Inc.

Back Button Z8F021ASH020SC Datasheet HTML 11Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 12Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 13Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 14Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 15Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 16Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 17Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 18Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 19Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 276 page
background image
PS022815-0206
List of Tables
Z8 Encore! XP® 4K Series
Product Specification
xv
List of Tables
Table 1. Z8 Encore! XP® 4K Series Family Part Selection Guide . . . . . . . . . . . . 2
Table 2. Z8 Encore! XP® 4K Series Package Options. . . . . . . . . . . . . . . . . . . . . 7
Table 3. Signal Descriptions. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Table 4. Pin Characteristics (20- and 28-pin Devices) . . . . . . . . . . . . . . . . . . . . 11
Table 5. Pin Characteristics (8-Pin Devices) . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Table 6. Z8 Encore! XP®4K Series Series Program Memory Maps . . . . . . . . . 14
Table 7. Z8 Encore! XP®4K Series Flash Memory Information Area Map . . . . 15
Table 8. Register File Address Map . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Table 9. Reset and STOP Mode Recovery Characteristics and Latency. . . . . . 21
Table 10. Reset Sources and Resulting Reset Type . . . . . . . . . . . . . . . . . . . . . 22
Table 11. STOP Mode Recovery Sources and Resulting Action . . . . . . . . . . . . 26
Table 12. Reset Status Register (RSTSTAT). . . . . . . . . . . . . . . . . . . . . . . . . . . 28
Table 13. Power Control Register 0 (PWRCTL0). . . . . . . . . . . . . . . . . . . . . . . . 31
Table 14. Port Availability by Device and Package Type . . . . . . . . . . . . . . . . . . 32
Table 15. Port Alternate Function Mapping (Non 8-Pin Parts) . . . . . . . . . . . . . . 36
Table 16. Port Alternate Function Mapping (8-Pin Parts). . . . . . . . . . . . . . . . . . 39
Table 17. GPIO Port Registers and Sub-Registers . . . . . . . . . . . . . . . . . . . . . . 40
Table 18. Port A–D GPIO Address Registers (PxADDR). . . . . . . . . . . . . . . . . . 41
Table 19. Port A–D Control Registers (PxCTL) . . . . . . . . . . . . . . . . . . . . . . . . . 42
Table 20. Port A–D Data Direction Sub-Registers (PxDD) . . . . . . . . . . . . . . . . 42
Table 21. Port A–D Alternate Function Sub-Registers (PxAF). . . . . . . . . . . . . . 43
Table 22. Port A–D Output Control Sub-Registers (PxOC) . . . . . . . . . . . . . . . . 43
Table 23. Port A–D High Drive Enable Sub-Registers (PxHDE) . . . . . . . . . . . . 44
Table 24. Port A–D STOP Mode Recovery Source Enable Sub-Registers (Px-
SMRE) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44
Table 25. Port A–D Pull-Up Enable Sub-Registers (PxPUE) . . . . . . . . . . . . . . . 45
Table 26. Port A–D Alternate Function Set 1 Sub-Registers (PxAFS1). . . . . . . 45
Table 27. Port A–D Alternate Function Set 2 Sub-Registers (PxAFS2). . . . . . . 46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com