Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z8F021ASH020SC Datasheet(PDF) 47 Page - Zilog, Inc.

Part # Z8F021ASH020SC
Description  Z8 Encore XP-R 4K Series High-Performance 8-Bit Microcontrollers
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F021ASH020SC Datasheet(HTML) 47 Page - Zilog, Inc.

Back Button Z8F021ASH020SC Datasheet HTML 43Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 44Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 45Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 46Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 47Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 48Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 49Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 50Page - Zilog, Inc. Z8F021ASH020SC Datasheet HTML 51Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 276 page
background image
PS022815-0206
Reset, STOP Mode Recovery and Low Voltage Detection
Z8 Encore! XP® 4K Series
Product Specification
28
POR—Power-On Reset Indicator
If this bit is set to 1, a Power-On Reset event occurred. This bit is reset to 0 if a WDT time-
out or STOP Mode Recovery occurs. This bit is also reset to 0 when the register is read.
STOP—STOP Mode Recovery Indicator
If this bit is set to 1, a STOP Mode Recovery occurred. If the STOP and WDT bits are both
set to 1, the STOP Mode Recovery occurred because of a WDT time-out. If the STOP bit
is 1 and the WDT bit is 0, the STOP Mode Recovery was not caused by a WDT time-out.
This bit is reset by a Power-On Reset or a WDT time-out that occurred while not in STOP
mode. Reading this register also resets this bit.
WDT—Watch-Dog Timer Time-Out Indicator
If this bit is set to 1, a WDT time-out occurred. A Power-On Reset resets this pin. A STOP
Mode Recovery from a change in an input pin also resets this bit. Reading this register
resets this bit. This read must occur before clearing the WDT interrupt.
EXT—External Reset Indicator
If this bit is set to 1, a Reset initiated by the external RESET pin occurred. A Power-On
Reset or a STOP Mode Recovery from a change in an input pin resets this bit. Reading this
register resets this bit.
Reserved—Must be 0.
LVD—Low Voltage Detection Indicator
If this bit is set to 1 the current state of the supply voltage is below the low voltage detec-
tion threshold. This value is not latched but is a real-time indicator of the supply voltage
level.
Table 12. Reset Status Register (RSTSTAT)
BITS
7
6
5
4
3
2
1
0
FIELD
POR
STOP
WDT
EXT
Reserved
LVD
RESET
See descriptions below
0
0
0
0
0
R/W
R
R
R
RRR
RR
ADDR
FF0H
Reset or STOP Mode Recovery Event
POR
STOP
WDT
EXT
Power-On Reset
1000
Reset using RESET pin assertion
0001
Reset using Watch-Dog Timer time-out
0010
Reset using the On-Chip Debugger (OCTCTL[1] set to 1)
1000
Reset from STOP Mode using DBG Pin driven Low
1000
STOP Mode Recovery using GPIO pin transition
0100
STOP Mode Recovery using Watch-Dog Timer time-out
0110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com