Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COM2002IP Datasheet(PDF) 71 Page - SMSC Corporation

Part # COM2002IP
Description  COM20020 3.3V ULANC Universal Local Area Network Controller with 2K x 8 On-Board RAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM2002IP Datasheet(HTML) 71 Page - SMSC Corporation

Back Button COM2002IP Datasheet HTML 64Page - SMSC Corporation COM2002IP Datasheet HTML 65Page - SMSC Corporation COM2002IP Datasheet HTML 66Page - SMSC Corporation COM2002IP Datasheet HTML 67Page - SMSC Corporation COM2002IP Datasheet HTML 68Page - SMSC Corporation COM2002IP Datasheet HTML 69Page - SMSC Corporation COM2002IP Datasheet HTML 70Page - SMSC Corporation COM2002IP Datasheet HTML 71Page - SMSC Corporation COM2002IP Datasheet HTML 72Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 71 / 72 page
background image
71
APPENDIX B
Software Identification of the COM20020 Rev B, Rev C and Rev D
In order to properly write software to work with the COM20020 Rev B, C and D it is necessary to be
able to identify the different revisions of the part.
To identify the COM20020 Revision follow the following procedure:
1.
Write 0x98 to Register-6 (Address = 6)
2.
Write 0x02 to Register-5 (Address = 5)
3.
Read Register-6
* If the value read from Register-6 is 0x98 then the part is a COM20020 Rev B or earlier
* If the value read from Register-6 is 0x9A then go to next step below
4.
Write 0x80 to Register-5
5.
Read Register-5
* If the value read from Register-5 is 0x00 then the part is a COM20020 Rev C
* If the value read from Register-5 is 0x80 then the part is a COM20020 Rev D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com