Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COM2002IP Datasheet(PDF) 25 Page - SMSC Corporation

Part # COM2002IP
Description  COM20020 3.3V ULANC Universal Local Area Network Controller with 2K x 8 On-Board RAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM2002IP Datasheet(HTML) 25 Page - SMSC Corporation

Back Button COM2002IP Datasheet HTML 21Page - SMSC Corporation COM2002IP Datasheet HTML 22Page - SMSC Corporation COM2002IP Datasheet HTML 23Page - SMSC Corporation COM2002IP Datasheet HTML 24Page - SMSC Corporation COM2002IP Datasheet HTML 25Page - SMSC Corporation COM2002IP Datasheet HTML 26Page - SMSC Corporation COM2002IP Datasheet HTML 27Page - SMSC Corporation COM2002IP Datasheet HTML 28Page - SMSC Corporation COM2002IP Datasheet HTML 29Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 72 page
background image
25
Table 3 - Write Register Summary
ADDR
MSB
WRITE
LSB
REGISTER
00
RI/TR1
0
0
0
EXCNAK
RECO
N
NEW
NEXTID
TA/
TTA
INTERRUPT
MASK
01
C7
C6
C5
C4
C3
C2
C1
C0
COMMAND
02
RD-
DATA
AUTO-
INC
0
0
0
A10
A9
A8
ADDRESS
PTR HIGH
03
A7
A6
A5
A4
A3
A2
A1
A0
ADDRESS
PTR LOW
04
D7
D6
D5
D4
D3
D2
D1
D0
DATA
05
(R/W)*
0
0
0
(R/W)*
SUB-
AD2
SUB-
AD1
SUB-
AD0
SUBADR
06
RESE
T
CCHEN
TXEN
ET1
ET2
BACK-
PLANE
SUB-
AD1
SUB-
AD0
CONFIG-
URATION
07-0
TID7
TID6
TID5
TID4
TID3
TID2
TID1
TID0
TENTID
07-1
NID7
NID6
NID5
NID4
NID3
NID2
NID1
NID0
NODEID
07-2
P1-
MODE
FOUR
NAKS
0
RCV-
ALL
CKP3
CKP2
CKP1
SLOW-
ARB
SETUP1
07-3
0
0
0
0
0
0
0
0
TEST
07-4
RBUS-
TMG
0
CKUP
1
CKUP0
EF
NO-
SYNC
RCN-
TM1
RCN-
TM0
SETUP2
Note*: (R/W) This bit can be Written or Read. For more information see Appendix C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com