Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COM2002IP Datasheet(PDF) 32 Page - SMSC Corporation

Part # COM2002IP
Description  COM20020 3.3V ULANC Universal Local Area Network Controller with 2K x 8 On-Board RAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM2002IP Datasheet(HTML) 32 Page - SMSC Corporation

Back Button COM2002IP Datasheet HTML 28Page - SMSC Corporation COM2002IP Datasheet HTML 29Page - SMSC Corporation COM2002IP Datasheet HTML 30Page - SMSC Corporation COM2002IP Datasheet HTML 31Page - SMSC Corporation COM2002IP Datasheet HTML 32Page - SMSC Corporation COM2002IP Datasheet HTML 33Page - SMSC Corporation COM2002IP Datasheet HTML 34Page - SMSC Corporation COM2002IP Datasheet HTML 35Page - SMSC Corporation COM2002IP Datasheet HTML 36Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 72 page
background image
32
DATA
COMMAND
DESCRIPTION
0000 1000
Clear
Receive
Interrupt
This command is used only in the Command Chaining operation.
Please refer to the Command Chaining section for definition of
this command.
0001 1000
Start Internal
Operation
This command restarts the stopped internal operation after
changing CKUP1 or CKUP0 bit.
Table 7 - Address Pointer High Register
BIT
BIT NAME
SYMBOL
DESCRIPTION
7
Read Data
RDDATA
This bit tells the COM20020 whether the following access
will be a read or write. A logic "1" prepares the device for a
read, a logic "0" prepares it for a write.
6
Auto Increment
AUTOINC
This bit controls whether the address pointer will increment
automatically.
A logic "1" on this bit allows automatic
increment of the pointer after each access, while a logic "0"
disables this function.
Please refer to the Sequential
Access Memory section for further detail.
5-3
(Reserved)
These bits are undefined.
2-0
Address 10-8
A10-A8
These bits hold the upper three address bits which provide
addresses to RAM.
Table 8 - Address Pointer Low Register
BIT
BIT NAME
SYMBOL
DESCRIPTION
7-0
Address 7-0
A7-A0
These bits hold the lower 8 address bits which provide the
addresses to RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com