Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COM2002IP Datasheet(PDF) 67 Page - SMSC Corporation

Part # COM2002IP
Description  COM20020 3.3V ULANC Universal Local Area Network Controller with 2K x 8 On-Board RAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM2002IP Datasheet(HTML) 67 Page - SMSC Corporation

Back Button COM2002IP Datasheet HTML 63Page - SMSC Corporation COM2002IP Datasheet HTML 64Page - SMSC Corporation COM2002IP Datasheet HTML 65Page - SMSC Corporation COM2002IP Datasheet HTML 66Page - SMSC Corporation COM2002IP Datasheet HTML 67Page - SMSC Corporation COM2002IP Datasheet HTML 68Page - SMSC Corporation COM2002IP Datasheet HTML 69Page - SMSC Corporation COM2002IP Datasheet HTML 70Page - SMSC Corporation COM2002IP Datasheet HTML 71Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 72 page
background image
67
APPENDIX A
This appendix describes the function of the
NOSYNC and EF bits.
NOSYNC Bit
The NOSYNC bit controls whether or not the
RAM initialization sequence requires the line to
be idle by enabling or disabling the SYNC
command during initialization. It is defined as
follows:
NOSYNC:
Enable/Disable
SYNC
command
during
initialization.
NOSYNC=0,
Enable
(Default): the line has to be idle for the RAM
initialization sequence to be written, NOSYNC=1,
Disable: the line does not have to be idle for the
RAM initialization sequence to be written.
The following discussion describes the function
of this bit:
During initialization, after the CPU writes the
Node ID, the COM20020 will write "D1"h data to
Address 000h and Node-ID to Address 001h of
its internal RAM within 6uS. These values are
read as part of the diagnostic test. If the D1 and
Node-ID initialization sequence cannot be read,
the initialization routine will report it as a device
diagnostic failure. These writes are controlled by
a micro-program which sometimes waits if the
line is active; SYNC is the micro-program
command that causes the wait. When the micro-
program waits, the initial RAM write does not
occur, which causes the diagnostic error. Thus
in this case, if the line is not idle, the initialization
sequence may not be written, which will be
reported as a device diagnostic failure.
However,
the
initialization
sequence
and
diagnostics
of
the
COM20020
should
be
independent of the network status. This is
accomplished through some additional logic to
decode the program counter, enabled by the
NOSYNC bit.
When it finds that the micro-
program is in the initialization routine, it disables
the
SYNC
command.
In
this
case,
the
initialization will not be held up by the line status.
Thus, by setting the NOSYNC bit, the line does
not have to be idle for the RAM initialization
sequence to be written.
EF Bit
The EF bit controls several modifications to
internal operation timing and logic. It is defined
as follows:
EF: Enable/Disable the new internal operation
timing and logic refinements.
EF=0: (Default)
Disable the new internal operation timing (the
timing is the same as in the COM20020 Rev. B);
EF=1: Enable the new internal operation timing.
The EF bit controls the following timing/logic
refinements in the COM20020:
A)
Extend Interrupt Disable Time
While the interrupt is active (nINTR pin=0), the
interrupt is disabled by writing the Clear Tx/Rx
interrupt and Clear Flag command and by
reading the Next-ID register.
This minimum
disable time is changed by the Data Rate. For
example, it is 200 nS at 2.5 Mbps and 100 nS at
5 Mbps. The 100 nS width will be too short to for
the Interrupt to be seen.
Setting the EF bit will change the minimum
disable time to always be more than 200 nS
even if the Data Rate is 5 Mbps . This is done by
changing the clock which is supplied to the
Interrupt Disable logic. The frequency of this
clock is always less than 20MHz even if the data
rate is 5 Mbps.
B)
Synchronize the Pre-Scalar Output
The Pre-Scalar is used to change the data rate.
The output clock is selected by CKP3-1 bits in
the Set-Up register. The CKP3-1 bits are
changed by writing the Set-Up register from
outside the CPU. It's not synchronized between
the CPU and COM20020. Thus, changing the
CKP3-1 timing does not synchronize with the
internal clocks of Pre-Scalar, and changing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com