Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COM2002IP Datasheet(PDF) 49 Page - SMSC Corporation

Part # COM2002IP
Description  COM20020 3.3V ULANC Universal Local Area Network Controller with 2K x 8 On-Board RAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM2002IP Datasheet(HTML) 49 Page - SMSC Corporation

Back Button COM2002IP Datasheet HTML 45Page - SMSC Corporation COM2002IP Datasheet HTML 46Page - SMSC Corporation COM2002IP Datasheet HTML 47Page - SMSC Corporation COM2002IP Datasheet HTML 48Page - SMSC Corporation COM2002IP Datasheet HTML 49Page - SMSC Corporation COM2002IP Datasheet HTML 50Page - SMSC Corporation COM2002IP Datasheet HTML 51Page - SMSC Corporation COM2002IP Datasheet HTML 52Page - SMSC Corporation COM2002IP Datasheet HTML 53Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 72 page
background image
49
OPERATIONAL DESCRIPTION
MAXIMUM GUARANTEED RATINGS*
Operating Temperature Range ................................................................................................. -40
oC to +85oC
Storage Temperature Range .................................................................................................. -55
oC to +150oC
Lead Temperature (soldering, 10 seconds)..........................................................................................+325
oC
Positive Voltage on any pin, with respect to ground ......................................................................... VDD+0.3V
Negative Voltage on any pin, with respect to ground ...............................................................................-0.3V
Maximum VDD ............................................................................................................................................. +7V
*Stresses above those listed may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any other condition above those indicated in the operational
sections of this specification is not implied.
Note: When powering this device from laboratory or system power supplies, it is important that the
Absolute Maximum Ratings not be exceeded or device failure can result. Some power supplies exhibit
voltage spikes or "glitches" on their outputs when the AC power is switched on or off. In addition, voltage
transients on the AC power line may appear on the DC output. If this possibility exists it is suggested that
a clamp circuit be used.
DC ELECTRICAL CHARACTERISTICS
VDD=3.3V±0.3V
TA=-40
oC to +85oC
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
COMMENT
Low Input Voltage 1
(All inputs except A2,
XTAL1, nRESET, nRD,
nWR, and RXIN)
High Input Voltage 1
(All inputs except A2,
XTAL1, nRESET, nRD,
nWR, and RXIN)
VIL1
VIH1
2.0
0.8
V
V
TTL Levels
TTL Levels
Low Input Voltage 2
(XTAL1)
High Input Voltage 2
(XTAL1)
VIL2
VIH2
2.4
1.0
V
V
TTL Clock Input
Low to High Threshold
Input Voltage
(A2, nRESET, nRD, nWR,
and RXIN)
High to Low Threshold
Input Voltage
(A2, nRESET, nRD, nWR,
and RXIN)
VILH
VIHL
1.8
1.2
V
V
Schmitt Trigger,
All Values at VDD =
3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com