Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COM2002IP Datasheet(PDF) 44 Page - SMSC Corporation

Part # COM2002IP
Description  COM20020 3.3V ULANC Universal Local Area Network Controller with 2K x 8 On-Board RAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM2002IP Datasheet(HTML) 44 Page - SMSC Corporation

Back Button COM2002IP Datasheet HTML 40Page - SMSC Corporation COM2002IP Datasheet HTML 41Page - SMSC Corporation COM2002IP Datasheet HTML 42Page - SMSC Corporation COM2002IP Datasheet HTML 43Page - SMSC Corporation COM2002IP Datasheet HTML 44Page - SMSC Corporation COM2002IP Datasheet HTML 45Page - SMSC Corporation COM2002IP Datasheet HTML 46Page - SMSC Corporation COM2002IP Datasheet HTML 47Page - SMSC Corporation COM2002IP Datasheet HTML 48Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 72 page
background image
44
COMMAND CHAINING
The
Command
Chaining
operation
allows
consecutive transmissions and receptions to occur
without host microcontroller intervention.
Through the use of a dual two-level FIFO,
commands to be transmitted and received, as well
as the status bits, are pipelined.
In order for the COM20020 to be compatible with
previous SMSC ARCNET device drivers, the
device defaults to the non-chaining mode. In order
to take advantage of the Command Chaining
operation, the Command Chaining Mode must be
enabled via a logic "1" on bit 6 of the Configuration
Register.
In Command Chaining, the Status Register
appears as in Figure 10.
The following is a list of Command Chaining
guidelines for the software programmer. Further
detail can be found in the Transmit Command
Chaining
and
Receive
Command
Chaining
sections.
#$
The device is designed such that the interrupt
service
routine
latency
does
not
affect
performance.
#$
Up to two outstanding transmissions and two
outstanding receptions can be pending at any
given time. The commands may be given in
any order.
#$
Up to two outstanding transmit interrupts and
two outstanding receive interrupts are stored
by the device, along with their respective
status bits.
#$
The Interrupt Mask bits act on TTA (Rising
Transition
on
Transmitter
Available)
for
transmit
operations
and
TRI
(Rising
Transition of Receiver Inhibited) for receive
operations. TTA is set upon completion of a
packet transmission only. TRI is set upon
completion of a packet reception only.
Typically there is no need to mask the TTA
and TRI bits after clearing the interrupt.
#$
The traditional TA and RI bits are still
available to reflect the present status of the
device.
Transmit Command Chaining
When the processor issues the first "Enable
Transmit to Page fnn" command, the COM20020
responds in the usual manner by resetting the TA
and TMA bits to prepare for the transmission from
the specified page. The TA bit can be used to see
if there is currently a transmission pending, but the
TA bit is really meant to be used in the non-
chaining mode only. The TTA bits provide the
relevant
information
for
the
device
in
the
Command Chaining mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com