Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COM2002IP Datasheet(PDF) 31 Page - SMSC Corporation

Part # COM2002IP
Description  COM20020 3.3V ULANC Universal Local Area Network Controller with 2K x 8 On-Board RAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM2002IP Datasheet(HTML) 31 Page - SMSC Corporation

Back Button COM2002IP Datasheet HTML 27Page - SMSC Corporation COM2002IP Datasheet HTML 28Page - SMSC Corporation COM2002IP Datasheet HTML 29Page - SMSC Corporation COM2002IP Datasheet HTML 30Page - SMSC Corporation COM2002IP Datasheet HTML 31Page - SMSC Corporation COM2002IP Datasheet HTML 32Page - SMSC Corporation COM2002IP Datasheet HTML 33Page - SMSC Corporation COM2002IP Datasheet HTML 34Page - SMSC Corporation COM2002IP Datasheet HTML 35Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 72 page
background image
31
Table 6 - Command Register
DATA
COMMAND
DESCRIPTION
0000 0000
Clear
Transmit
Interrupt
This command is used only in the Command Chaining operation.
Please refer to the Command Chaining section for definition of
this command.
0000 0001
Disable
Transmitter
This command will cancel any pending transmit command
(transmission that has not yet started) and will set the TA
(Transmitter Available) status bit to logic "1" when the COM20020
next receives the token.
0000 0010
Disable
Receiver
This command will cancel any pending receive command. If the
COM20020 is not yet receiving a packet, the RI (Receiver
Inhibited) bit will be set to logic "1" the next time the token is
received. If packet reception is already underway, reception will
run to its normal conclusion.
b0fn n100
Enable
Receive to
Page fnn
This command allows the COM20020 to receive data packets into
RAM buffer page fnn and resets the RI status bit to logic "0". The
values placed in the "nn" bits indicate the page that the data will
be received into (page 0, 1, 2, or 3). If the value of "f" is a logic
"1", an offset of 256 bytes will be added to that page specified in
"nn", allowing a finer resolution of the buffer. Refer to the
Selecting RAM Page Size section for further detail. If the value of
"b" is logic "1", the device will also receive broadcasts
(transmissions to ID zero). The RI status bit is set to logic "1"
upon successful reception of a message.
00fn n011
Enable
Transmit from
Page fnn
This command prepares the COM20020 to begin a transmit
sequence from RAM buffer page fnn the next time it receives the
token. The values of the "nn" bits indicate which page to transmit
from (0, 1, 2, or 3). If "f" is logic "1", an offset of 256 bytes is the
start of the page specified in "nn", allowing a finer resolution of the
buffer. Refer to the Selecting RAM Page Size section for further
detail. When this command is loaded, the TA and TMA bits are
reset to logic "0". The TA bit is set to logic "1" upon completion of
the transmit sequence. The TMA bit will have been set by this
time if the device has received an ACK from the destination node.
The ACK is strictly hardware level, sent by the receiving node
before its microcontroller is even aware of message reception.
Refer to Figure 1 for details of the transmit sequence and its
relation to the TA and TMA status bits.
0000 c101
Define
Configuration
This command defines the maximum length of packets that may
be handled by the device. If "c" is a logic "1", the device handles
both long and short packets.
If "c" is a logic "0", the device
handles only short packets.
000r p110
Clear Flags
This command resets certain status bits of the COM20020. A
logic "1" on "p" resets the POR status bit and the EXCNAK
Diagnostic status bit. A logic "1" on "r" resets the RECON status
bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com