Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COM2002IP Datasheet(PDF) 30 Page - SMSC Corporation

Part # COM2002IP
Description  COM20020 3.3V ULANC Universal Local Area Network Controller with 2K x 8 On-Board RAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM2002IP Datasheet(HTML) 30 Page - SMSC Corporation

Back Button COM2002IP Datasheet HTML 26Page - SMSC Corporation COM2002IP Datasheet HTML 27Page - SMSC Corporation COM2002IP Datasheet HTML 28Page - SMSC Corporation COM2002IP Datasheet HTML 29Page - SMSC Corporation COM2002IP Datasheet HTML 30Page - SMSC Corporation COM2002IP Datasheet HTML 31Page - SMSC Corporation COM2002IP Datasheet HTML 32Page - SMSC Corporation COM2002IP Datasheet HTML 33Page - SMSC Corporation COM2002IP Datasheet HTML 34Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 72 page
background image
30
Table 5 - Diagnostic Status Register
BIT
BIT NAME
SYMBOL
DESCRIPTION
7
My
Reconfiguration
MY-
RECON
This bit, if high, indicates that a past reconfiguration was caused by
this node.
It is set when the Lost Token Timer times out, and
should be typically read following an interrupt caused by RECON.
Refer to the Improved Diagnostics section for further detail.
6
Duplicate ID
DUPID
This bit, if high, indicates that the value in the Node ID Register
matches both Destination ID characters of the token and a
response to this token has occurred.
Trailing zero's are also
verified. A logic "1" on this bit indicates a duplicate Node ID, thus
the user should write a new value into the Node ID Register. This
bit is only useful for duplicate ID detection when the device is off
line, that is, when the transmitter is disabled. When the device is
on line this bit will be set every time the device gets the token. This
bit is reset automatically upon reading the Diagnostic Status
Register.
Refer to the Improved Diagnostics section for further
detail.
5
Receive
Activity
RCVACT
This bit, if high, indicates that data activity (logic "1") was detected
on the RXIN pin of the device. Refer to the Improved Diagnostics
section for further detail.
4
Token Seen
TOKEN
This bit, if high, indicates that a token has been seen on the
network, sent by a node other than this one. Refer to the Improved
Diagnostic section for further detail.
3
Excessive NAK
EXCNAK
This bit, if high, indicates that either 128 or 4 Negative
Acknowledgements have occurred in response to the Free Buffer
Enquiry. This bit is cleared upon the "POR Clear Flags" command.
Reading the Diagnostic Status Register does not clear this bit.
This bit, when set, will cause an interrupt if the corresponding bit in
the IMR is also set. Refer to the Improved Diagnostics section for
further detail.
2
Tentative ID
TENTID
This bit, if high, indicates that a response to a token whose DID
matches the value in the Tentative ID Register has occurred. The
second DID and the trailing zero's are not checked. Since each
node sees every token passed around the network, this feature
can be used with the device on-line in order to build and update a
network map. Refer to the Improved Diagnostics section for further
detail.
1
New Next ID
NEW
NXTID
This bit, if high, indicates that the Next ID Register has been
updated and that a node has either joined or left the network.
Reading the Diagnostic Status Register does not clear this bit. This
bit, when set, will cause an interrupt if the corresponding bit in the
IMR is also set. The bit is cleared by reading the Next ID Register.
1,0
(Reserved)
These bits are undefined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com