Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COM2002IP Datasheet(PDF) 34 Page - SMSC Corporation

Part # COM2002IP
Description  COM20020 3.3V ULANC Universal Local Area Network Controller with 2K x 8 On-Board RAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM2002IP Datasheet(HTML) 34 Page - SMSC Corporation

Back Button COM2002IP Datasheet HTML 30Page - SMSC Corporation COM2002IP Datasheet HTML 31Page - SMSC Corporation COM2002IP Datasheet HTML 32Page - SMSC Corporation COM2002IP Datasheet HTML 33Page - SMSC Corporation COM2002IP Datasheet HTML 34Page - SMSC Corporation COM2002IP Datasheet HTML 35Page - SMSC Corporation COM2002IP Datasheet HTML 36Page - SMSC Corporation COM2002IP Datasheet HTML 37Page - SMSC Corporation COM2002IP Datasheet HTML 38Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 72 page
background image
34
Table 10 - Configuration Register
4,3
Extended
Timeout 1,2
ET1, ET2
These bits allow the network to operate over longer distances
than the default maximum 2 miles by controlling the
Response, Idle, and Reconfiguration Times. All nodes should
be configured with the same timeout values for proper
network operation. For the COM20020 with a 20 MHz crystal
oscillator, the bit combinations follow:
ET2
0
0
1
1
ET1
0
1
0
1
Response
Time (
"S)
596.6
298.4
149.2
37.4
Idle Time
(
"S)
656
328
164
41
Reconfig
Time
(mS)
840
840
840
420
Note: These values are for 5Mbps and RCNTMR[1,0]=00.
Reconfiguration time is changed by the RCNTMR1 and
RCNTMR0 bits.
2
Backplane
BACK-
PLANE
A logic "1" on this bit puts the device into Backplane Mode
signaling which is used for Open Drain and Differential Driver
interfaces.
1,0
Sub Address 1,0
SUBAD
1,0
These bits determine which register at address 07 may be
accessed. The combinations are as follows:
SUBAD1
SUBAD0 Register
0
0
Tentative ID
0
1
Node ID
1
0
Setup 1
1
1
Next ID
See also the Sub Address Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com