Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COM2002IP Datasheet(PDF) 7 Page - SMSC Corporation

Part # COM2002IP
Description  COM20020 3.3V ULANC Universal Local Area Network Controller with 2K x 8 On-Board RAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM2002IP Datasheet(HTML) 7 Page - SMSC Corporation

Back Button COM2002IP Datasheet HTML 3Page - SMSC Corporation COM2002IP Datasheet HTML 4Page - SMSC Corporation COM2002IP Datasheet HTML 5Page - SMSC Corporation COM2002IP Datasheet HTML 6Page - SMSC Corporation COM2002IP Datasheet HTML 7Page - SMSC Corporation COM2002IP Datasheet HTML 8Page - SMSC Corporation COM2002IP Datasheet HTML 9Page - SMSC Corporation COM2002IP Datasheet HTML 10Page - SMSC Corporation COM2002IP Datasheet HTML 11Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 72 page
background image
7
FIGURE 1 - COM20020 OPERATION
Invitation
to Transmit to
this ID?
Y
N
Free Buffer
Enquiry to
this ID?
SOH?
YN
YN
RI?
Write SID
to Buffer
DID
=0?
DID
=ID?
Write Buffer
with Packet
CRC
OK?
LENGTH
OK?
DID
=0?
DID
=ID?
SEND ACK
N
Y
N
Y
N
Y
N
Broadcast
Enabled?
N
Y
N
No Activity
for 41
uS?
Y
N
Set NID=ID
Start Timer:
T=(255-ID)
Activity
On Line?
Y
N
T=0?
Set RI
RI?
Transmit
NAK
Transmit
ACK
Set NID=ID
Write ID to
RAM Buffer
Send
Reconfigure
Burst
Power On
Reconfigure
Timer has
Timed Out
Start
Reconfiguration
Timer (420 mS)*
TA?
Broadcast?
Transmit
Free Buffer
Enquiry
No
Activity
Pass the
Token
Set TA
Y
N
ACK?
NAK?
1
No
Activity
N
Y
Increment
NID
Send
Packet
Was Packet
Broadcast?
No
Activity
N
ACK?
Set TMA
Set TA
x 73 us
for 37.4
us?
for 37.4
us?
for 37.4
us?
Y
N
N
Y
Y
N
N
Y
N
N
N
N
1
Y
Y
Y
Y
Y
Y
Y
N
Y
Read Node ID
ID refers to the identification number of the ID assigned to this node.
NID refers to the next identification number that receives the token
after this ID passes it.
-
-
-
-
SID refers to the source identification.
DID refers to the destination identification.
SOH refers to the start of header character; preceeds all data packets.
-
YN
* Reconfig timer is programmable via setup2 register bits 1, 0.
Note - All time values are valid for 5 Mbps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com