Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COM2002IP Datasheet(PDF) 65 Page - SMSC Corporation

Part # COM2002IP
Description  COM20020 3.3V ULANC Universal Local Area Network Controller with 2K x 8 On-Board RAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM2002IP Datasheet(HTML) 65 Page - SMSC Corporation

Back Button COM2002IP Datasheet HTML 61Page - SMSC Corporation COM2002IP Datasheet HTML 62Page - SMSC Corporation COM2002IP Datasheet HTML 63Page - SMSC Corporation COM2002IP Datasheet HTML 64Page - SMSC Corporation COM2002IP Datasheet HTML 65Page - SMSC Corporation COM2002IP Datasheet HTML 66Page - SMSC Corporation COM2002IP Datasheet HTML 67Page - SMSC Corporation COM2002IP Datasheet HTML 68Page - SMSC Corporation COM2002IP Datasheet HTML 69Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 72 page
background image
65
FIGURE 23 - 28 PIN PLCC PACKAGE DIMENSIONS
A
A1
B
B1
C
D
D1
D2
D3
E
F
G
R
.160-.180
.090-.120
.013-.021
.026-.032
.020-.045
.485-.495
.450-.456
.390-.430
.30 0 R E F
.05 0 B S C
.042-.056
.042-.048
.025-.045
DIM
28 L
J
.00 0-.0 20
N OTES:
A ll dim ensions are in inch es.
C ircle ind icatin g p in 1 ca n ap pea r on a top surface a s sh ow n on the draw ing or
rig ht a bove it on a bevele d e dge.
1.
2.
PIN NO.
1
G
E
J
D3
J
D1
D
J
B1
B
A
A1
C
D2
F
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com