Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COM2002IP Datasheet(PDF) 18 Page - SMSC Corporation

Part # COM2002IP
Description  COM20020 3.3V ULANC Universal Local Area Network Controller with 2K x 8 On-Board RAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM2002IP Datasheet(HTML) 18 Page - SMSC Corporation

Back Button COM2002IP Datasheet HTML 14Page - SMSC Corporation COM2002IP Datasheet HTML 15Page - SMSC Corporation COM2002IP Datasheet HTML 16Page - SMSC Corporation COM2002IP Datasheet HTML 17Page - SMSC Corporation COM2002IP Datasheet HTML 18Page - SMSC Corporation COM2002IP Datasheet HTML 19Page - SMSC Corporation COM2002IP Datasheet HTML 20Page - SMSC Corporation COM2002IP Datasheet HTML 21Page - SMSC Corporation COM2002IP Datasheet HTML 22Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 72 page
background image
18
Backplane Configuration
The Backplane Open Drain Configuration is
recommended for cost-sensitive, short-distance
applications like backplanes and instrumentation.
This mode is advantageous because it saves
components, cost, and power.
Since the Backplane Configuration encodes data
differently
than
the
traditional
Hybrid
Configuration,
nodes
utilizing
the
Backplane
Configuration cannot communicate directly with
nodes
utilizing
the
Traditional
Hybrid
Configuration. The Backplane Configuration does
not isolate the node from the media nor protects it
from Common Mode noise, but Common Mode
Noise is less of a problem in short distances.
The COM20020 supplies a programmable output
driver
for
Backplane
Mode
operation.
A
push/pull or open drain driver can be selected by
programming the P1MODE bit of the Setup 1
Register (see register descriptions for details).
The COM20020 defaults to an open drain output.
The Backplane Configuration provides for direct
connection between the COM20020 and the
media. Only one pull-up resistor (in open drain
configuration of the output driver) is required
somewhere on the media (not on each individual
node). The nPULSE1 signal, in this mode, is an
open drain or push/pull driver and is used to
directly drive the media.
It issues a 200nS
negative pulse to transmit a logic "1". Note that
when
used
in
the
open-drain
mode,
the
COM20020 does not have a fail/safe input on the
RXIN pin. The nPULSE1 signal actually contains
a weak pull-up resistor. This pull-up should not
take the place of the resistor required on the
media for open drain mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com