Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COM2002IP Datasheet(PDF) 50 Page - SMSC Corporation

Part # COM2002IP
Description  COM20020 3.3V ULANC Universal Local Area Network Controller with 2K x 8 On-Board RAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM2002IP Datasheet(HTML) 50 Page - SMSC Corporation

Back Button COM2002IP Datasheet HTML 46Page - SMSC Corporation COM2002IP Datasheet HTML 47Page - SMSC Corporation COM2002IP Datasheet HTML 48Page - SMSC Corporation COM2002IP Datasheet HTML 49Page - SMSC Corporation COM2002IP Datasheet HTML 50Page - SMSC Corporation COM2002IP Datasheet HTML 51Page - SMSC Corporation COM2002IP Datasheet HTML 52Page - SMSC Corporation COM2002IP Datasheet HTML 53Page - SMSC Corporation COM2002IP Datasheet HTML 54Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 72 page
background image
50
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
COMMENT
Low Output Voltage 1
(nPULSE1 in Push/Pull
Mode, nPULSE2,
NTXEN)
High Output Voltage 1
(nPULSE1 in Push/Pull
Mode, nPULSE2,
nTXEN)
VOL1
VOH1
2.4
0.4
V
V
ISINK=2mA
ISOURCE=-1mA
Low Output Voltage 2
(D0-D7)
High Output Voltage 2
(D0-D7)
VOL2
VOH2
2.4
0.4
V
V
ISINK=8mA
ISOURCE=-6mA
Low Output Voltage 3
(nINTR)
High Output Voltage 3
(nINTR)
VOL3
VOH3
2.4
0.8
V
V
ISINK=12mA
ISOURCE=-5mA
Low Output Voltage 4
(nPULSE1 in Open-Drain
Mode)
VOL4
0.5
V
ISINK=24mA
Open Drain Driver
Dynamic VDD Supply
Current
IDD
TBD
mA
5 Mbps
All Outputs Open
Input Pull-up Current
(nPULSE1 in Open-Drain
Mode, A1, AD0-AD2,
D3-D7)
Input Leakage Current
(All inputs except A1,
AD0-AD2, D3-D7,
XTAL1, XTAL2
IP
IL
80
200
±10
"A
"A
VIN=0.0V
VSS < VIN < VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com