Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COM2002IP Datasheet(PDF) 37 Page - SMSC Corporation

Part # COM2002IP
Description  COM20020 3.3V ULANC Universal Local Area Network Controller with 2K x 8 On-Board RAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM2002IP Datasheet(HTML) 37 Page - SMSC Corporation

Back Button COM2002IP Datasheet HTML 33Page - SMSC Corporation COM2002IP Datasheet HTML 34Page - SMSC Corporation COM2002IP Datasheet HTML 35Page - SMSC Corporation COM2002IP Datasheet HTML 36Page - SMSC Corporation COM2002IP Datasheet HTML 37Page - SMSC Corporation COM2002IP Datasheet HTML 38Page - SMSC Corporation COM2002IP Datasheet HTML 39Page - SMSC Corporation COM2002IP Datasheet HTML 40Page - SMSC Corporation COM2002IP Datasheet HTML 41Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 72 page
background image
37
BIT
BIT NAME
SYMBOL
DESCRIPTION
2
No Synchronous
NOSYNC
This bit is used to enable the SYNC command during
initialization. NOSYNC= 0, Enable (Default) The line must
be idle for the RAM initialization sequence to be written.
NOSYNC= 1, Disable:) The line does not have to be idle for
the RAM initialization sequence to be written. See appendix
“A”.
1,0
Reconfiguration
Timer 1, 0
RCNTM1,0 These bits are used to program the reconfiguration timer as a
function of maximum node count. These bits set the time out
period of the reconfiguration timer as shown below. The
time out periods shown are for 5 Mbps.
RCNTM1
RCNTM0
Time Out
Period
Max Node Count
0
0
420 mS
Up to 255 nodes
0
1
105 mS
Up to 64 nodes
1
0
52.5 mS
Up to 32 nodes
1
1
26.25 mS*
Up to 16 nodes
Note*: The node ID value 255 must exist in the network for
26.25 mS timeout to be valid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com