Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COM2002IP Datasheet(PDF) 29 Page - SMSC Corporation

Part # COM2002IP
Description  COM20020 3.3V ULANC Universal Local Area Network Controller with 2K x 8 On-Board RAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM2002IP Datasheet(HTML) 29 Page - SMSC Corporation

Back Button COM2002IP Datasheet HTML 25Page - SMSC Corporation COM2002IP Datasheet HTML 26Page - SMSC Corporation COM2002IP Datasheet HTML 27Page - SMSC Corporation COM2002IP Datasheet HTML 28Page - SMSC Corporation COM2002IP Datasheet HTML 29Page - SMSC Corporation COM2002IP Datasheet HTML 30Page - SMSC Corporation COM2002IP Datasheet HTML 31Page - SMSC Corporation COM2002IP Datasheet HTML 32Page - SMSC Corporation COM2002IP Datasheet HTML 33Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 72 page
background image
29
Table 4 - Status Register
BIT
BIT NAME
SYMBOL
DESCRIPTION
7
Receiver
Inhibited
RI
This bit, if high, indicates that the receiver is not enabled because
either an "Enable Receive to Page fnn" command was never
issued, or a packet has been deposited into the RAM buffer page
fnn as specified by the last "Enable Receive to Page fnn"
command. No messages will be received until this command is
issued, and once the message has been received, the RI bit is set,
thereby inhibiting the receiver. The RI bit is cleared by issuing an
"Enable Receive to Page fnn" command. This bit, when set, will
cause an interrupt if the corresponding bit of the Interrupt Mask
Register (IMR) is also set. When this bit is set and another station
attempts to send a packet to this station, this station will send a
NAK.
6,5
(Reserved)
These bits are undefined.
4
Power On Reset
POR
This bit, if high, indicates that the COM20020 has been reset by
either a software reset, a hardware reset, or writing 00H to the
Node ID Register. The POR bit is cleared by the "Clear Flags"
command.
3
Test
TEST
This bit is intended for test and diagnostic purposes. It is a logic
"0" under normal operating conditions.
2
Reconfiguration
RECON
This bit, if high, indicates that the Line Idle Timer has timed out
because the RXIN pin was idle for 41
"S. The RECON bit is
cleared during a "Clear Flags" command. This bit, when set, will
cause an interrupt if the corresponding bit in the IMR is also set.
The interrupt service routine should consist of examining the
MYRECON bit of the Diagnostic Status Register to determine
whether there are consecutive reconfigurations caused by this
node.
1
Transmitter
Message
Acknowledged
TMA
This bit, if high, indicates that the packet transmitted as a result of
an "Enable Transmit from Page fnn" command has been
acknowledged. This bit should only be considered valid after the
TA bit (bit 0) is set. Broadcast messages are never acknowledged.
The TMA bit is cleared by issuing the "Enable Transmit from Page
fnn" command.
0
Transmitter
Available
TA
This bit, if high, indicates that the transmitter is available for
transmitting. This bit is set when the last byte of scheduled packet
has been transmitted out, or upon execution of a "Disable
Transmitter" command.
The TA bit is cleared by issuing the
"Enable Transmit from Page fnn" command after the node next
receives the token. This bit, when set, will cause an interrupt if the
corresponding bit in the IMR is also set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com