Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COM2002IP Datasheet(PDF) 17 Page - SMSC Corporation

Part # COM2002IP
Description  COM20020 3.3V ULANC Universal Local Area Network Controller with 2K x 8 On-Board RAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM2002IP Datasheet(HTML) 17 Page - SMSC Corporation

Back Button COM2002IP Datasheet HTML 13Page - SMSC Corporation COM2002IP Datasheet HTML 14Page - SMSC Corporation COM2002IP Datasheet HTML 15Page - SMSC Corporation COM2002IP Datasheet HTML 16Page - SMSC Corporation COM2002IP Datasheet HTML 17Page - SMSC Corporation COM2002IP Datasheet HTML 18Page - SMSC Corporation COM2002IP Datasheet HTML 19Page - SMSC Corporation COM2002IP Datasheet HTML 20Page - SMSC Corporation COM2002IP Datasheet HTML 21Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 72 page
background image
17
The RBUSTMG bit was added to Disable/Enable
the High Speed CPU Read function. It is defined
as:
RBUSTMG=0,
Disabled
(Default);
RBUSTMG=1, Enabled.
In the MOTOROLA CPU mode (DIR, nDS
mode), the same modifications apply.
RBUSTMG BIT
BUS TIMING MODE
0
Normal Speed CPU Read and Write
1
High Speed CPU Read and Normal Speed CPU Write
TRANSMISSION MEDIA INTERFACE
The bottom halves of Figures 2 and 3 illustrate the
COM20020 interface to the transmission media
used to connect the node to the network. Table 1
lists different types of cable which are suitable for
ARCNET applications.
1 The user may interface to
the cable of choice in one of three ways:
Traditional Hybrid Interface
The Traditional Hybrid Interface is that which is
used with previous ARCNET devices. The Hybrid
Interface is recommended if the node is to be
placed in a network with other Hybrid-Interfaced
nodes. The Traditional Hybrid Interface is for use
with nodes operating at 2.5 Mbps only.
The
transformer coupling of the Hybrid offers isolation
for the safety of the system and offers high
Common Mode Rejection. The Traditional Hybrid
Interface uses circuits like SMSC's HYC9068 or
HYC9088 to transfer the pulse-encoded data
between the cable and the COM20020.
The
COM20020 transmits a logic "1" by generating two
100nS
non-overlapping
negative
pulses,
nPULSE1 and nPULSE2.
Lack of pulses
indicates a logic "0". The nPULSE1 and nPULSE2
signals are sent to the Hybrid, which creates a
200nS dipulse signal on the media.
A logic "0" is transmitted by the absence of the
dipulse. During reception, the 200nS dipulse
appearing on the media is coupled through the RF
transformer of the LAN Driver, which produces a
positive pulse at the RXIN pin of the COM20020.
The pulse on the RXIN pin represents a logic "1".
Lack of pulse represents a logic "0".
Typically,
RXIN pulses occur at multiples of 400nS.
The
COM20020 can tolerate distortion of plus or minus
100nS and still correctly capture and convert the
RXIN pulses to NRZ format. Figure 5 illustrates
the events which occur in transmission or
reception of data consisting of 1, 1, 0.
1 Please refer to TN7-5 – Cabling Guidelines for
the COM20020 ULANC, available from SMSC, for
recommended cabling distance, termination, and
node count for ARCNET nodes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com