Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COM2002IP Datasheet(PDF) 21 Page - SMSC Corporation

Part # COM2002IP
Description  COM20020 3.3V ULANC Universal Local Area Network Controller with 2K x 8 On-Board RAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM2002IP Datasheet(HTML) 21 Page - SMSC Corporation

Back Button COM2002IP Datasheet HTML 17Page - SMSC Corporation COM2002IP Datasheet HTML 18Page - SMSC Corporation COM2002IP Datasheet HTML 19Page - SMSC Corporation COM2002IP Datasheet HTML 20Page - SMSC Corporation COM2002IP Datasheet HTML 21Page - SMSC Corporation COM2002IP Datasheet HTML 22Page - SMSC Corporation COM2002IP Datasheet HTML 23Page - SMSC Corporation COM2002IP Datasheet HTML 24Page - SMSC Corporation COM2002IP Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 72 page
background image
21
The
Differential
Driver
Configuration
cannot
communicate directly with nodes utilizing the
Traditional
Hybrid
Configuration.
Like
the
Backplane Configuration, the Differential Driver
Configuration does not isolate the node from the
media.
The Differential Driver interface includes a RS485
Driver/Receiver to transfer the data between the
cable and the COM20020. The nPULSE1 signal
transmits the data, provided the Transmit Enable
signal is active.
The nPULSE1 signal issues a
200nS (at 2.5Mbps) negative pulse to transmit a
logic "1". Lack of pulse indicates a logic "0". The
RXIN signal receives the data, the transmitter
portion of the COM20020 is disabled during reset
and the nPULSE1, nPULSE2 and nTXEN pins are
inactive.
Programmable TXEN Polarity
To accommodate transceivers with active high
ENABLE
pins,
the
COM20020
contains
a
programmable TXEN output.
To program the
TXEN pin for an active high pulse, the nPULSE2
pin should be connected to ground. To retain the
normal active low polarity, nPULSE2 should be
left open. The polarity determination is made at
power on reset and is valid only for Backplane
Mode operation.
The nPULSE2 pin should
remain grounded at all times if an active high
polarity is desired.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com