Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COM2002IP Datasheet(PDF) 2 Page - SMSC Corporation

Part # COM2002IP
Description  COM20020 3.3V ULANC Universal Local Area Network Controller with 2K x 8 On-Board RAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM2002IP Datasheet(HTML) 2 Page - SMSC Corporation

  COM2002IP Datasheet HTML 1Page - SMSC Corporation COM2002IP Datasheet HTML 2Page - SMSC Corporation COM2002IP Datasheet HTML 3Page - SMSC Corporation COM2002IP Datasheet HTML 4Page - SMSC Corporation COM2002IP Datasheet HTML 5Page - SMSC Corporation COM2002IP Datasheet HTML 6Page - SMSC Corporation COM2002IP Datasheet HTML 7Page - SMSC Corporation COM2002IP Datasheet HTML 8Page - SMSC Corporation COM2002IP Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 72 page
background image
2
GENERAL DESCRIPTION
SMSC's COM20020 is a member of the family of
Embedded ARCNET Controllers from Standard
Microsystems
Corporation.
The device is a
general purpose communications controller for
networking
microcontrollers
and
intelligent
peripherals
in
industrial,
automotive,
and
embedded control
environments
using
an
ARCNET protocol engine. The small 24 pin
package,
flexible
microcontroller
and
media
interfaces, eight- page message support, and
extended temperature range of the COM20020
make it the only true network controller optimized
for use in industrial, embedded, and automotive
applications. Using an ARCNET protocol engine
is the ideal solution for embedded control
applications because it provides a deterministic
token-passing protocol, a highly reliable and
proven networking scheme, and a data rate of up
to 5 Mbps when using the COM20020.
A token-passing protocol provides predictable
response times because each network event
occurs within a predetermined time interval, based
upon the number of nodes on the network. The
deterministic nature of ARCNET is essential in
real time applications. The integration of the 2Kx8
RAM buffer on-chip, the Command Chaining
feature, the 5 Mbps maximum data rate, and the
internal diagnostics make the COM20020 the
highest performance embedded communications
device available. With only one COM20020 and
one microcontroller, a complete communications
node may be implemented.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com