Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COM2002IP Datasheet(PDF) 63 Page - SMSC Corporation

Part # COM2002IP
Description  COM20020 3.3V ULANC Universal Local Area Network Controller with 2K x 8 On-Board RAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM2002IP Datasheet(HTML) 63 Page - SMSC Corporation

Back Button COM2002IP Datasheet HTML 59Page - SMSC Corporation COM2002IP Datasheet HTML 60Page - SMSC Corporation COM2002IP Datasheet HTML 61Page - SMSC Corporation COM2002IP Datasheet HTML 62Page - SMSC Corporation COM2002IP Datasheet HTML 63Page - SMSC Corporation COM2002IP Datasheet HTML 64Page - SMSC Corporation COM2002IP Datasheet HTML 65Page - SMSC Corporation COM2002IP Datasheet HTML 66Page - SMSC Corporation COM2002IP Datasheet HTML 67Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 72 page
background image
63
FIGURE 20 – BACKPLANE MODE TRANSMIT OR RECEIVE TIMING
(These signals are to and from the differential driver or the cable)
nPULSE1
t2
t3
RXIN
t10
t11
nPULSE2
t5
t6
(Internal Clk)
t4
Parameter
min
typ
max
units
t2
t3
t4
t5
t6
t7
t8
t10
t11
t12
nPULSE1 Pulse Width
nPULSE1 Period
nPULSE2 Low to nPULSE1 Low
nPULSE2 High Time
nPULSE2 Low Time
nPULSE2 Period
nPULSE2 High to nTXEN High
RXIN Active Pulse Width
RXIN Period
nS
nS
nS
nS
nS
nS
nS
nS
nS
200*
400*
100*
100*
200*
200*
400*
50
50
-25
10
t1
t7
nTXEN
t9
t8
LAST BIT
(400 nS BIT TIME)
t1
nPULSE2 High to nTXEN Low
-25
50
nS
(First Rising Edge on nPULSE2 after Last Bit Time)
t9
nTXEN Low to first nPULSE1 Low**
650
750
nS
t13
t12
-25
RXIN Inactive Pulse Width
20
nS
t13
Beginning Last Bit Time to nTXEN High**
450
nS
Above values are for 2.5 Mbps.
Other Data Rates are shown below.
550
TDR is the Data Rate Period
*t5, t6 = TDR/4
*t2, t7, t10 = TDR/2
*t3, t11 = TDR
**t9 =
x TDR +/- 50 nS
7
4
**t13 =
x TDR +/- 50 nS
5
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com