Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COM2002IP Datasheet(PDF) 36 Page - SMSC Corporation

Part # COM2002IP
Description  COM20020 3.3V ULANC Universal Local Area Network Controller with 2K x 8 On-Board RAM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM2002IP Datasheet(HTML) 36 Page - SMSC Corporation

Back Button COM2002IP Datasheet HTML 32Page - SMSC Corporation COM2002IP Datasheet HTML 33Page - SMSC Corporation COM2002IP Datasheet HTML 34Page - SMSC Corporation COM2002IP Datasheet HTML 35Page - SMSC Corporation COM2002IP Datasheet HTML 36Page - SMSC Corporation COM2002IP Datasheet HTML 37Page - SMSC Corporation COM2002IP Datasheet HTML 38Page - SMSC Corporation COM2002IP Datasheet HTML 39Page - SMSC Corporation COM2002IP Datasheet HTML 40Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 72 page
background image
36
Table 12 - Setup 2 Register
BIT
BIT NAME
SYMBOL
DESCRIPTION
7
Read Bus Timing
Select
RBUSTMG This bit is used to Disable/Enable the High Speed CPU
Read
function
for
High
Speed
CPU
bus
support.
RBUSTMG=0: Disable (Default), RBUSTMG=1: Enable. It
does not influence write operation. High speed CPU Read
operation is only for non-multiplexed bus.
6
Reserved
This bit is undefined.
5,4
Clock Multiplier
CKUP1, 0
Higher frequency clocks are generated from the 20 MHz
crystal through the selection of these two bits as shown.
This clock multiplier is powered-down on default. After
changing the CKUP1 and CKUP0 bits, the ARCNET core
operation is stopped and the internal PLL in the clock
multiplier is awakened and it starts to generate the 40 MHz.
The lock out time of the internal PLL is 8
"Sec typically.
After 1 mS it is necessary to write command data '18H' to
command
register
for
re-starting
the
ARCNET core
operation. EF bit must be ‘1’ if the data rate is over 5Mbps.
CAUTION: Changing the CKUP1 and CKUP0 bits must be
one time or less after releasing a hardware reset.
CKUP1
CKUP0
Clock Frequency (Data Rate)
0
0
20 MHz (Up to 2.5Mbps) Default
0
1
40 MHz (Up to 5Mbps)
1
0
Reserved
1
1
Reserved
Note: After changing the CKUP1 or CKUP0 bits, it is
necessary to write a command data '18H' to the command
register. Because after changing the CKUP [1, 0] bits, the
internal operation is stopped temporarily. The writing of the
command is to start the operation.
These initializing steps are shown below.
1)
Hardware reset (Power ON)
2)
Change CKUP[1, 0] bit
3)
Wait 1mSec (wait until stable oscillation)
4)
Write command '18H' (start internal operation)
5)
Start initializing routine (Execute existing software)
3
Enhanced
Functions
EF
This bit is used to enable the new enhanced functions in the
COM20020. EF = 0: Disable (Default), EF = 1: Enable. If EF
= 0, the timing and function is the same as in the
COM20020, Revision B. See appendix “A”. EF bit must be
‘1’ if the data rate is over 5Mbps.
EF bit should be ‘1’ for new design customers.
EF bit should be ‘0’ for replacement customers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com