Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS1W-RPT02 Datasheet(PDF) 60 Page - Omron Electronics LLC

Part # CS1W-RPT02
Description  Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-RPT02 Datasheet(HTML) 60 Page - Omron Electronics LLC

Back Button CS1W-RPT02 Datasheet HTML 56Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 57Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 58Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 59Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 60Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 61Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 62Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 63Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 64Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 70 page
background image
48
Programmable Controllers SYSMAC
CS1G/H
■ Temperature Control Units
Unit
type
Product name
Specifications
Mountable Racks
No. of
unit
numbers
allocated
Current
consumption
(A)
Model
Standards
No. of
loops
Temperature
sensor inputs
Control output
CPU Rack C200HX/
HG/HE
Expansion
I/O Rack
CS1
Expansion
Rack
CS1 Long-
distance
Expansion
Rack
SYSMAC
BUS
Slave
Rack
CS1W-BC
CS1W-BI
5 V
system
26 V
system
@@3 @@2
@@3 @@2
C200H
Special
I/O Unit
Temperature
Control Units
2 loops
Thermocouples
(R, S, K, J, T, E,
B, N, L, or U)
Open-collector
NPN outputs
(pulses)
Yes
No
Yes
Yes
No
No
Yes
1 unit
number’s
words
0.33
---
C200H-TC001
U, C, CE
2 loops
Thermocouples
(R, S, K, J, T, E,
B, N, L, or U)
Voltage
outputs
(pulses)
Yes
No
Yes
Yes
No
No
Yes
0.33
---
C200H-TC002
2 loops
Thermocouples
(R, S, K, J, T, E,
B, N, L, or U)
Current
outputs
(linear)
Yes
No
Yes
Yes
No
No
Yes
0.33
---
C200H-TC003
2 loops
Platinum
resistance
thermometers
(JPt00, Pt100)
ON/OFF
transistor
outputs
(pulses)
Yes
No
Yes
Yes
No
No
Yes
0.33
---
C200H-TC101
2 loops
Platinum
resistance
thermometers
(JPt00, Pt100)
ON/OFF
voltage
outputs
(pulses)
Yes
No
Yes
Yes
No
No
Yes
0.33
---
C200H-TC102
2 loops
Platinum
resistance
thermometers
(JPt00, Pt100)
ON/OFF
current
outputs
(linear)
Yes
No
Yes
Yes
No
No
Yes
0.33
---
C200H-TC103
Data
Setting
Console
Monitoring, setting, and changing
present values, set points, alarm values,
PID parameters, bank numbers, etc.
---
C200H-DSC01 U, C
Connecting
Cables
Cable length: 2 m
---
C200H-CN225
N
Cable length: 4 m
---
C200H-CN425



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com