Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS1W-RPT02 Datasheet(PDF) 67 Page - Omron Electronics LLC

Part # CS1W-RPT02
Description  Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-RPT02 Datasheet(HTML) 67 Page - Omron Electronics LLC

Back Button CS1W-RPT02 Datasheet HTML 62Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 63Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 64Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 65Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 66Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 67Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 68Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 69Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 70Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 67 / 70 page
background image
Programmable Controllers SYSMAC
CS1G/H
55
16-point Sourcing Transistor Output Units
32-point Sinking Transistor Output Units
32-point Sourcing Transistor Output Units
64-point Sinking Transistor Output Units
16-point 100-VAC Input Units
C200H???????????????????
Item
C200H I/O Unit
Corresponding
CS1 I/O Unit
Model number
C200H-OD21A
CS1W-OD212
Description
16-point Transistor Output (sourcing) Units with terminal
blocks.
Notes
The terminal arrangement must be changed.
The output capacity changes (from 1A per point and 4A
per Unit to 0.5A per point and 5A per Unit). Check that
correct operation is possible in cases where changes in
output capacity may influence operation.
The output specifications change. Check that correct
operation is possible in cases where changes in output
specifications may influence operation. (Residual voltage
increases from 0.8V to 1.5V, ON response time increases
from 0.1ms to 0.5ms, OFF response time increases from
0.3ms to 1ms.)
The internal 5-V current consumption increases (from
160mA to 170mA). The external 24-V power supply
current also increases (from 35mA to 40mA). Check that
the increased current is within the range of the power
supply.
There are no alarm output contacts. Use the alarm bits in
the Auxiliary Area.
Item
C200H I/O Unit
Corresponding
CS1 I/O Unit
Model number
C200H-OD218
CS1W-OD231
Description
32-point Transistor Output (sinking) Units with connectors.
The connectors and the pin arrangement are the same.
The output current capacity increases (from 100mA to
0.5A per point, 2.5A per common, and 5A per Unit). The
load voltage range changes from 4.5 to 26.4V to 10.2 to
26.4V.
Notes
There are 2 commons instead of 1. Connect where
necessary.
The output specifications change. Check that correct
operation is possible in cases where changes in output
specifications may influence operation. (Residual voltage
increases from 0.8V to 1.5V, ON response time increases
from 0.1ms to 0.5ms, OFF response time increases from
0.4ms to 1ms.)
Replacement is not possible for applications with an output
load range of 4.5 to 10.2V.
The internal 5-V current consumption increases (from
180mA to 270mA). Check that the increased current is
within the range of the power supply.
Item
C200H I/O Unit
Corresponding
CS1 I/O Unit
Model number
C200H-OD21B
CS1W-OD232
Description
32-point Transistor Output (sourcing) Units with
connectors. The connectors and the pin arrangement are
the same.
Notes
There are 2 commons instead of 1. Connect where
necessary.
The output specifications change. Check that correct
operation is possible in cases where changes in output
specifications may influence operation. (Residual voltage
increases from 0.8V to 1.5V, ON response time increases
from 0.1ms to 0.5ms, OFF response time increases from
0.3ms to 1ms.)
The internal 5-V current consumption increases (from
180mA to 270mA). Check that the increased current is
within the range of the power supply.
Item
C200H I/O Unit
Corresponding
CS1 I/O Unit
Model number
C200H-OD219
CS1W-OD261
Description
64-point Transistor Output (sinking) Units with connectors.
The connectors and the pin arrangement are the same.
The output current capacity increases (from 100mA to
0.3A per point, 1.6A per common, and 6.4A per Unit). The
load voltage range changes from 4.5 to 26.4V to 10.2 to
26.4V.
Notes
There are 4 commons instead of 2. Connect where
necessary.
The output specifications change. Check that correct
operation is possible in cases where changes in output
specifications may influence operation. (Residual voltage
increases from 0.8V to 1.5V, ON response time increases
from 0.1ms to 0.5ms, OFF response time increases from
0.4ms to 1ms.)
Replacement is not possible for applications with an output
load range of 4.5 to 10.2V.
The internal 5-V current consumption increases (from
270mA to 390mA). Check that the increased current is
within the range of the power supply.
Item
C200H I/O Unit
Corresponding
CS1 I/O Unit
Model number
C200H-IA122/122V
CS1W-IA111
Description
16-point 100-VAC Input Units with terminal blocks.
100-VDC input also possible.
Notes
The terminal arrangement must be changed.
The input specifications change. Check that correct
operation is possible in cases where changes in input
specifications may influence operation. (ON voltage
increases from 60VAC min. to 65VAC min. and the input
impedance (50Hz) increases from 9.7k
Ω to 10kΩ.)
The internal 5-V current consumption increases (from
10mA to 110mA). Check that the increased current is
within the range of the power supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com