Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS1W-RPT02 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # CS1W-RPT02
Description  Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-RPT02 Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button CS1W-RPT02 Datasheet HTML 2Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 3Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 4Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 5Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 6Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 7Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 8Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 9Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 70 page
background image
F-10
F-11
Further improvements to communications functions.
Seamless networks increase production site transparency.
44
OMRON offers a full lineup of reliable PLCs
including the "flagship" CS1 Series, and ranging
from the small scale CP1H to the large-scale
CV Series. The CS1 Series meets the needs
not only of small-scale to large-scale systems,
but of distributed systems as well. This allows
the construction of the optimum system for the
scale and applications of the production site.
Functions for Better Ethernet
Support
Ethernet is becoming increasingly important
standard for information networks. Up to
eight socket interfaces for TCP/IP and
UDP/IP are supported, in addition to FINS
messages, FTP file transfers, and mail
notification, so that production management
can now be organically linked with the
production site.
CS1
CS1
CS1
NS Series V8
Hub
DeviceNet
DeviceNet
CompoNet
CompoNet
Controller Link
Ethernet and EtherNet/IP
EtherNet/IP
CS1
Controller
Link Unit
CS1
Ethernet Unit and
EtherNet/IP Unit
EtherNet/IP Unit
EtherNet/IP Unit
CS1
Ethernet Unit and
EtherNet/IP Unit
Head office or
remote office
• Web browser
• CX-Programmer
Head office, remote office,
home, business trip destination
• CX-Programmer
DeviceNet Unit
Controller Link Unit
CompoNet
Master Unit
CompoNet
Master Unit
Controller Link Unit
DeviceNet Unit
Flexible System Building Based
on the DeviceNet
The CS1 Series supports the worldwide
multivendor bus standard, DeviceNet.
Component connections in a multivendor
environment are greatly enhanced by
connecting to up to 64 nodes for a wide
range of FA applications, and by device
profiles and configurator tools that ensure
high reliability and easy maintenance.
Production systems can be configured even
more flexibly by incorporating products such
as the MULTIPLE I/O TERMINAL.
High-speed, High-capacity Data
Links between PLCs via
EtherNet/IP
EtherNet/IP is supported. EtherNet/IP is a
global-standard network that uses
cutting-edge general Ethernet technology
for control and information network
integration. This enables data links between
PLCs, data links between a PLC and
multi-vendor devices, and communications
between PLCs and PTs over a general
Ethernet network.
CompoNet Greatly Advances
Wiring Reductions, Greater
Information Handling, and
Standardization
CompoNet is a multi-vendor network for
bit-level control of approximately 1,000
points in 1.0 ms. It supports message
communications at the sensor and actuator
levels. Maintenance information can be
controlled in each Slave for preventative
maintenance of equipment.
seamless communications system for
sending FINS messages across multiple
levels of Ethernet and Controller Link
networks.
Note: For CPU Unit Ver. 2.0 or later.
The SYSMAC CS1 enables FINS message
communications across a maximum of eight
levels (See note.) (using CX-Programmer
Ver. 4.0 or higher) in comparison with three
levels in previous OMRON systems
Expansion up to eight levels lets you build a
The Solution for Communicating across Network Levels
A Wide Range of Systems,
from Small-scale to Large
FA Wireless LAN Unit
WE70
ID4
GRT1-TBL
TS
1
3
0
2
1
3
0
2
1
3
0
2
1
3
0
2
1
3
0
2
TS
TS
TS
TS
1
3
0
2
TS
ID4
ID4
OD4
OD4
OD4
END
ID4
GRT1-TBL
TS
1
3
0
2
1
3
0
2
1
3
0
2
1
3
0
2
1
3
0
2
TS
TS
TS
TS
1
3
0
2
TS
ID4
ID4
OD4
OD4
OD4
END



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com