Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS1W-RPT02 Datasheet(PDF) 39 Page - Omron Electronics LLC

Part # CS1W-RPT02
Description  Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-RPT02 Datasheet(HTML) 39 Page - Omron Electronics LLC

Back Button CS1W-RPT02 Datasheet HTML 35Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 36Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 37Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 38Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 39Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 40Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 41Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 42Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 43Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 70 page
background image
Programmable Controllers SYSMAC
CS1G/H
27
■ I/O Units
Note: The C200H-ID001 (8 no-voltage contact inputs, NPN) and C200H-ID002 (8 no-voltage contact inputs, PNP) cannot be used.
● Applicable Connectors
Connector for CS1 Basic I/O Units (32 inputs, 64 inputs, 32 outputs, 64 outputs, 32 inputs/32 outputs)
Connector for CS1 Basic I/O Units (96 inputs, 96 outputs, 48 inputs/48 outputs)
Unit type
Product
name
Specifications
Mountable Racks
Words
required
Current
consumption
(A)
Model
Standards
CPU Rack
C200HX/
HG/HE
Expansion
I/O Rack
CS1 Expansion
Rack
CS1 Long-
distance
Expansion
Rack
SYSMAC
BUS Slave
Rack
CS1W-BC
CS1W-BI
5 V
system
26 V
system
@@3
@@2
@@3
@@2
CS1 Basic
I/O Units
DC Input/
Transistor
Output Unit
24 VDC, 6 mA
32 inputs
Yes
Yes
No
Yes
Yes
Yes
No
2 input
words
and 2
output
words
0.27
---
CS1W-MD261
UC1, N, L,
CE
12 to 24 VDC, 0.3 A
32 outputs
Sourcing
24 VDC, 6 mA
32 inputs
CS1W-MD262
U, C, N, L,
CE
24 VDC, 0.3 A
32 outputs
Sourcing
24 VDC, approx. 5 mA
48 inputs
Yes
Yes
No
Yes
Yes
Yes
No
3 input
words
and 3
output
words
0.35
---
CS1W-MD291
12 to 24 VDC, 0.1 A
48 outputs
Sinking
24 VDC, approx. 5 mA
48 inputs
CS1W-MD292
12 to 24 VDC, 0.1 A
48 outputs
Sourcing
TTL I/O Unit
5 VDC
32 inputs, 32 outputs
Yes
Yes
No
Yes
Yes
Yes
No
2 input
words
and 2
output
words
0.27
---
CS1W-MD561
UC, N, L,
CE
Name
Connection
Applicable Units
Model
Standards
Applicable
Connectors
Soldered
FCN-361J040-AU Connector
FCN-360C040-J2 Connector cover
C500-CE404
(Included with Unit)
---
Crimped
FCN-363J040
Housing
FCN-363J-AU
Contact
FCN-360C040-J2 Connector cover
C500-CE405
Pressure welded
FCN-367J040-AU/F
C500-CE403
Name
Connection
Applicable Units
Model
Standards
Applicable
Connectors
Soldered
FCN-361J056-AU Connector
FCN-360C056-J3 Connector cover
CS1W-CE561
(Included with Unit)
---
Crimped
FCN-363J056
Housing
FCN-363J-AU
Contact
FCN-360C056-J3 Connector cover
CS1W-CE562
Pressure welded
FCN-367J056-AU
CS1W-CE563



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com