Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS1W-RPT02 Datasheet(PDF) 55 Page - Omron Electronics LLC

Part # CS1W-RPT02
Description  Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-RPT02 Datasheet(HTML) 55 Page - Omron Electronics LLC

Back Button CS1W-RPT02 Datasheet HTML 51Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 52Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 53Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 54Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 55Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 56Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 57Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 58Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 59Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 70 page
background image
Programmable Controllers SYSMAC
CS1G/H
43
■ SYSMAC LINK Units
*1. Up to four CS1W-SLK11/21 SYSMAC LINK Units can be mounted to the CPU Backplane and Expansion Backplanes of one PLC.
*2. When using wired optical (H-PCF) communications, use the H-PCF Cable or H-PCF Cable with pre-attached connectors.
■ FL-net Units
*Up to four CS1W-FLN22 FL-net Units can be mounted to the CS1 CPU Backplane (CS1W-BC@@@) and CS1 Expansion Backplanes (CS1W-BI@@@) of one PLC.
Unit
type
Product name
Specifications
Mountable Racks
No. of
unit
numbers
allocated
Current
consumption
(A)
Model
Standards
CPU Rack
C200HX/
HG/HE
Expansion
I/O Rack
CS1
Expansion
Rack
CS1 Long-
distance
Expansion
Rack
SYSMAC
BUS
Slave
Rack
CS1W-BC
CS1W-BI
5 V
system
26 V
system
@@3 @@2
@@3 @@2
CS1
CPU
Bus
Unit
SYSMAC LINK
Unit
Coaxial
(5C-2V cable)
Data link and
message
communica-
tions functions
*1
Yes
*1
Yes
No
*1
Yes
*1
Yes
*1
Yes
No
1 unit
number’s
words
0.48
---
CS1W-SLK21
U, C, CE
Optical
(H-PCF cable)
*2
*1
Yes
*1
Yes
No
*1
Yes
*1
Yes
*1
Yes
No
0.47
---
CS1W-SLK11
U, C, N,
CE
SYSMAC LINK
Support Board
Coaxial
The 3G8F7-SLK
@@ SYSMAC LINK Support Board includes the
FinsGateway communications middleware version 3.
---
3G8F7-SLK21-E
CE
Optical (H-PCF cable)
*2
3G8F7-SLK11-E
F Adapter
---
One Adapter is included with each Coaxial-cable SYSMAC LINK
Unit/Board.
---
C1000H-CE001
N
F Adapter
Cover
---
C1000H-COV01
---
Terminator
---
A Terminator must be installed at each node on the ends of the
network.
---
C1000H-TER01
N
Unit
type
Product name
Specifications
Mountable Racks
No. of
unit
numbers
allocated
Current
consumption
(A)
Model
Standards
CPU Rack
C200HX/
HG/HE
Expansion
I/O Rack
CS1
Expansion
Rack
CS1 Long-
distance
Expansion
Rack
SYSMAC
BUS
Slave
Rack
CS1W-BC
CS1W-BI
5 V
system
26 V
system
@@3 @@2
@@3 @@2
CS1
CPU
Bus
Unit
FL-net Unit
FL-net (OPCN-2) Ver. 2
specifications
100BASE-TX Cable
*
Yes
*
Yes
No
*
Yes
*
Yes
*
Yes
No
1 unit
number’s
words
0.38
---
CS1W-FLN22
UC1, CE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com