Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS1W-RPT02 Datasheet(PDF) 45 Page - Omron Electronics LLC

Part # CS1W-RPT02
Description  Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-RPT02 Datasheet(HTML) 45 Page - Omron Electronics LLC

Back Button CS1W-RPT02 Datasheet HTML 41Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 42Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 43Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 44Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 45Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 46Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 47Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 48Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 49Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 70 page
background image
Programmable Controllers SYSMAC
CS1G/H
33
■ Analog Input Units
● Analog Input Units
● Isolated-type DC Input Units (Process I/O Units)
Unit
type
Product
name
Specifications
Mountable Racks
No. of
unit
numbers
allocated
Current
consumption
(A)
Model
Standards
I/O
points
Signal
range
selec-
tion
Signal
range
Resolu-
tion
Conver-
sion
speed
External
connec-
tion
CPU Rack
C200HX/
HG/HE
Expan-
sion I/O
Rack
CS1
Expansion
Rack
CS1
Long-
distance
Expan-
sion
Rack
SYSMAC
BUS
Slave
Rack
CS1W-BC
CS1W-BI
5 V
system
26 V
system
@@3 @@2
@@3 @@2
CS1
Special
I/O
Units
Analog
Input
Units
4
inputs
4
inde-
pendent
1 to 5 V,
0 to 5 V,
0 to 10 V,
-10 to
10 V, 4 to
20 mA
1/8,000
(Can
also be
set to
1/4,000.)
250 µs/
input
(Can
also be
set to
1 ms/
input.)
Remov-
able
termi-
nal
block
Yes
Yes
No
Yes
Yes
Yes
No
1 unit
number’s
words
0.12
0.09
CS1W-AD041-V1
UC1, N,
L, CE
8
inputs
8
inde-
pendent
1 to 5 V,
0 to 5 V,
0 to 10 V,
-10 to
10 V, 4 to
20 mA
1/8,000
(Can
also be
set to
1/4,000.)
250 µs/
input
(Can
also be
set to
1 ms/
input.)
Remov-
able
termi-
nal
block
Yes
Yes
No
Yes
Yes
Yes
No
0.12
0.09
CS1W-AD081-V1
16
inputs
16
inde-
pendent
MIL
connec-
tor
Yes
Yes
No
Yes
Yes
Yes
No
2 unit
numbers’
words
0.15
0.06
CS1W-AD161
UC1, CE
Connec-
tor-
Terminal
Block
Conver-
sion Unit
for
CS1W-
AD161
---
Slim terminal block
Terminal: 34, dimension: 128 x 40 x 39 mm
XW2D-34G6
---
Connection cable
Cable length: 2 m
XW2Z-200C
Unit
type
Product
name
Specifications
Mountable Racks
No. of
unit
numbers
allocated
Current
consumption
(A)
Model
Standards
I/O
points
Signal
range
Conversion
speed
External
connection
CPU Rack
C200HX/
HG/HE
Expan-
sion I/O
Rack
CS1
Expansion
Rack
CS1 Long-
distance
Expansion
Rack
SYSMAC
BUS
Slave
Rack
CS1W-BC
CS1W-BI
5 V
system
26 V
system
@@3 @@2
@@3 @@2
CS1
Special
I/O
Units
Isolated-
type DC
Input Units
4
inputs
4 to 20 mA,
0 to 20 mA,
0 to 10 V,
±10 V,
0 to 5 V,
±5 V,
1 to 5 V,
0 to 1.25 V,
±1.25 V
20 ms/
4 inputs,
10 ms/
2 inputs
Removable
terminal
block
Yes
Yes
No
Yes
Yes
Yes
No
1 unit
number’s
words
0.12
0.12
CS1W-PDC11
UC1, N,
CE
8
inputs
4 to 20 mA,
0 to 10 V,
0 to 5 V,
1 to 5 V,
250 ms/
8 inputs
Yes
Yes
No
Yes
Yes
Yes
No
0.18
0.06
CS1W-PDC55
UC1, CE
4
inputs
4 to 20 mA,
0 to 20 mA,
1 to 5 V,
0 to 5 V,
±5 V,
0 to 10 V,
±10 V
100 ms/
4 inputs
Yes
Yes
No
Yes
Yes
Yes
No
0.15
0.16
CS1W-PDC01
Isolated-
type 2-Wire
Transmitter
Input Unit
4
inputs
4 to 20 mA,
1 to 5 V
100 ms/
4 inputs
Yes
Yes
No
Yes
Yes
Yes
No
0.15
0.16
CS1W-PTW01
Power
Transducer
Input Unit
8
inputs
0 to 1 mA,
±1 mA
200 ms/
8 inputs
Yes
Yes
No
Yes
Yes
Yes
No
0.15
0.08
CS1W-PTR01
DC Analog
Input Unit
(100 mV)
8
inputs
0 to 100 mV,
±100 mV
200 ms/
8 inputs
Yes
Yes
No
Yes
Yes
Yes
No
0.15
0.08
CS1W-PTR02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com