Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS1W-RPT02 Datasheet(PDF) 30 Page - Omron Electronics LLC

Part # CS1W-RPT02
Description  Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-RPT02 Datasheet(HTML) 30 Page - Omron Electronics LLC

Back Button CS1W-RPT02 Datasheet HTML 26Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 27Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 28Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 29Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 30Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 31Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 32Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 33Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 34Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 70 page
background image
18
Programmable Controllers SYSMAC
CS1G/H
Ordering Information
■ CS1 CPU Units
* These values include the current consumption of a connected Programming Console. NT-AL001 Link Adapters consume an additional 0.15 A each when used.
Basic Configuration Units
CPU Rack
Product
name
Specifications
Mountable Racks
Current
consumption
(A)
Model
Standards
CS1 CPU Rack
CS1D CPU
Rack
Number of
I/O points
Program
capacity
Data memory
capacity
LD
instruc-
tion
execu-
tion time
Online
Unit
replace-
ment
Duplex
Commu-
nications
Units
Duplex
Power
Supply
Units
CS-series
CPU
Backplane
CS1W-BC
@@2
CS/C200H-
series CPU
Backplane
CS1W-BC
@@3
CS1D CPU
Backplane
CS1D-
BC082S or
CS1D-BC052
5 V
system
26 V
system
CS1 CPU
Units
5,120
(Expansion
Racks: 7)
250K steps
448K words
(DM: 32K words,
EM: 32K words ×
13 banks)
0.02 µs
No
No
No
Yes
Yes
No
*
0.82
---
CS1H-CPU67H
UC1, N,
L, CE
5,120
(Expansion
Racks: 7)
120K steps
256K words
(DM: 32K words,
EM: 32K words ×
7 banks)
*
0.82
---
CS1H-CPU66H
5,120
(Expansion
Racks: 7)
60K steps
128K words
(DM: 32K words,
EM: 32K words ×
3 banks)
*
0.82
---
CS1H-CPU65H
5,120
(Expansion
Racks: 7)
30K steps
64K words
(DM: 32K words,
EM: 32K words ×
1 bank)
*
0.82
---
CS1H-CPU64H
5,120
(Expansion
Racks: 7)
20K steps
64K words
(DM: 32K words,
EM: 32K words ×
1 bank)
*
0.82
---
CS1H-CPU63H
5,120
(Expansion
Racks: 7)
60K steps
128K words
(DM: 32K words,
EM: 32K words ×
3 banks)
0.04 µs
No
No
No
*
0.78
---
CS1G-CPU45H
1,280
(Expansion
Racks: 3)
30K steps
64K words
(DM: 32K words,
EM: 32K words ×
1 bank)
*
0.78
---
CS1G-CPU44H
960
(Expansion
Racks: 2)
20K steps
64K words
(DM: 32K words,
EM: 32K words ×
1 bank)
*
0.78
---
CS1G-CPU43H
960
(Expansion
Racks: 2)
10K steps
64K words
(DM: 32K words,
EM: 32K words ×
1 bank)
*
0.78
---
CS1G-CPU42H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com