Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS1W-RPT02 Datasheet(PDF) 41 Page - Omron Electronics LLC

Part # CS1W-RPT02
Description  Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-RPT02 Datasheet(HTML) 41 Page - Omron Electronics LLC

Back Button CS1W-RPT02 Datasheet HTML 37Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 38Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 39Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 40Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 41Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 42Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 43Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 44Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 45Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 70 page
background image
Programmable Controllers SYSMAC
CS1G/H
29
■ Input Units
C200H Basic I/O Units and C200H Group-2 High-density I/O Units
Unit type
Product
name
Specifications
Mountable Racks
Words
required
Current
consumption
(A)
Model
Standards
CPU Rack
C200HX/
HG/HE
Expansion
I/O Rack
CS1 Expansion
Rack
CS1 Long-
distance
Expansion
Rack
SYSMAC
BUS
Slave
Rack
(I/O bits:
CIO 0000
to CIO
0319)
CS1W-BC
CS1W-BI
5 V
system
26 V
system
@@3
@@2
@@3
@@2
C200H
Basic I/O
Units
DC Input
Unit
12 to 24 VDC, 8 inputs
Yes
No
Yes
Yes
No
No
Yes
1 word
0.01
---
C200H-ID211
U, C, N, L,
CE
24 VDC, 16 inputs
Yes
No
Yes
Yes
No
No
Yes
1 word
0.01
---
C200H-ID212
UC1, N, L,
CE
AC Input
Unit
100 to 120 VAC, 8 inputs
Yes
No
Yes
Yes
No
No
Yes
1 word
0.01
---
C200H-IA121
U, C, N, L
100 to 120 VAC, 16 inputs
Yes
No
Yes
Yes
No
No
Yes
1 word
0.01
---
C200H-IA122
100 to 120 VAC, 16 inputs
Yes
No
Yes
Yes
No
No
Yes
1 word
0.01
---
C200H-IA122V
CE
200 to 240 VAC, 8 inputs
Yes
No
Yes
Yes
No
No
Yes
1 word
0.01
---
C200H-IA221
U, C, N, L
200 to 240 VAC, 16 inputs
Yes
No
Yes
Yes
No
No
Yes
1 word
0.01
---
C200H-IA222
200 to 240 VAC, 16 inputs
Yes
No
Yes
Yes
No
No
Yes
1 word
0.01
---
C200H-IA222V
CE
AC/DC Input
Unit
12 to 24 VAC/VDC, 8 inputs
Yes
No
Yes
Yes
No
No
Yes
1 word
0.01
---
C200H-IM211
U, C, N, L,
CE
24 VAC/VDC, 16 inputs
Yes
No
Yes
Yes
No
No
Yes
1 word
0.01
---
C200H-IM212
C200H
Group-2
High-
density
I/O Units
DC Input
Unit
24 VDC, 32 inputs
Yes
No
Yes
Yes
No
No
No
2 words
0.10
---
C200H-ID216
U, C, N, L,
CE
24 VDC, 64 inputs
Yes
No
Yes
Yes
No
No
No
4 words
0.12
---
C200H-ID217
24 VDC, 32 inputs, 6 mA
Yes
No
Yes
Yes
No
No
No
2 words
0.10
---
C200H-ID218
24 VDC, 64 inputs, 6 mA
Yes
No
Yes
Yes
No
No
No
4 words
0.12
---
C200H-ID219
12 VDC, 64 inputs
Yes
No
Yes
Yes
No
No
No
4 words
0.12
---
C200H-ID111
U, C, N, L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com