Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS1W-RPT02 Datasheet(PDF) 49 Page - Omron Electronics LLC

Part # CS1W-RPT02
Description  Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-RPT02 Datasheet(HTML) 49 Page - Omron Electronics LLC

Back Button CS1W-RPT02 Datasheet HTML 45Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 46Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 47Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 48Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 49Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 50Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 51Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 52Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 53Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 70 page
background image
Programmable Controllers SYSMAC
CS1G/H
37
■ Position Control Unit with MECHATROLINK-II interface
■ Motion Control Units
*Simplifies I/O connector wiring.
Unit
type
Product name
Specifications
Mountable Racks
No. of
unit
numbers
allocated
Current
consumption
(A)
Model
Standards
CPU Rack C200HX/
HG/HE
Expansion
I/O Rack
CS1
Expansion
Rack
CS1 Long-
distance
Expansion
Rack
SYSMAC
BUS
Slave
Rack
Control output
interface
Number
of axes
CS1W-BC
CS1W-BI
5 V
system
26 V
system
@@3 @@2
@@3 @@2
CS1 CPU
Bus Unit
Position Control
Unit with
MECHATROLINK-II
interface
Control commands
are sent using
MECHATROLINK-II
communications.
Direct operation
from ladder
program.
Control modes:
Position control,
speed control,
and torque
control
2 axes
Yes
Yes
No
Yes
Yes
Yes
No
1 unit
number’s
words
0.36
---
CS1W-NC271
UC1, CE
4 axes
CS1W-NC471
16 axes
CS1W-NCF71
MECHATROLINK-II
Interface Unit
To connect OMNUC W-series Servo Drive ( R88D-WT
@) (Made by Yaskawa Corporation)
The model number at the right is used to order from OMRON.
FNY-NS115
---
MECHATROLINK-II
Cables
To connect MECHATROLINK-II compliant devices (Made by Yaskawa Corporation)
The model numbers at the right are used to order from OMRON.
Cable length: 0.5 m
FNY-W6003-A5
Cable length: 1 m
FNY-W6003-01
Cable length: 3 m
FNY-W6003-03
Cable length: 5 m
FNY-W6003-05
Cable length: 10 m
FNY-W6003-10
Cable length: 20 m
FNY-W6003-20
Cable length: 30 m
FNY-W6003-30
MECHATROLINK-II
Terminator
Terminating resistance for MECHATROLINK-II (Made by Yaskawa Corporation)
The model number at the right is used to order from OMRON.
FNY-W6022
MECHATROLINK-II
Repeater
Communications repeater.
FNY-REP2000
Unit
type
Product name
Specifications
Mountable Racks
No. of
unit
numbers
allocated
Current
consumption
(A)
Model
Standards
CPU Rack
C200HX/
HG/HE
Expansion
I/O Rack
CS1
Expansion
Rack
CS1 Long-
distance
Expansion
Rack
SYSMAC
BUS
Slave
Rack
Control output
interface
Number
of axes
CS1W-BC
CS1W-BI
5 V
system
26 V
system
@@3 @@2
@@3 @@2
CS1
Special
I/O
Units
Motion Control Unit
(G-language
programming)
Analog outputs
4 axes
Yes
Yes
No
Yes
Yes
Yes
No
5 unit
numbers’
words
0.70
(1.00 A
when a
Teaching
Box is
connected)
---
CS1W-MC421-V1
U, C, CE
2 axes
Yes
Yes
No
Yes
Yes
Yes
No
3 unit
numbers’
words
0.60
(0.80 A
when a
Teaching
Box is
connected)
---
CS1W-MC221-V1
Teaching Box
---
---
---
CVM1-PRO01-V1 CE
Teaching Box
Connecting Cable
---
---
Cable length: 2 m
CV500-CN224
L, CE
ROM Cassette
---
---
---
CVM1-MP702-V1 CE
MC Terminal Block
Conversion Unit
*
For 2 axes
---
XW2B-20J6-6
---
For 4 axes
---
XW2B-40J6-7
MC Terminal Block
Conversion Unit
Cable
---
---
Cable length: 1 m
XW2Z-100J-F1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com