Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS1W-RPT02 Datasheet(PDF) 32 Page - Omron Electronics LLC

Part # CS1W-RPT02
Description  Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-RPT02 Datasheet(HTML) 32 Page - Omron Electronics LLC

Back Button CS1W-RPT02 Datasheet HTML 28Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 29Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 30Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 31Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 32Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 33Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 34Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 35Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 36Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 70 page
background image
20
Programmable Controllers SYSMAC
CS1G/H
Select the Backplane, Power Supply Unit, and Expansion Cable. If the expansion length is more than 12 m, an I/O Interface Unit is also
required.
■ Expansion Backplanes
● Normal Expansion (Not Long-distance Expansion)
● Long-distance Expansion
* CS-series CPU Bus Units can be mounted in a Long-distance Expansion Rack, but the I/O refreshing time is longer than it is when the CPU Bus Unit is mounted in
the CPU Rack.
Note 1: C200H-series Units cannot be mounted to CS-series Expansion Backplanes (CS1W-BI
@@2).
2: CS-series Units cannot be mounted to C200HX/HG/HE Expansion I/O Backplanes (C200HW-BI
@@2).
Expansion Racks
Product name
Specifications
Mountable configuration units
Current
consumption
(A)
Model
Standards
Basic I/O Units
Special I/O Units
CPU Bus
Units
CS-series
Basic I/O
Unit
C200H-
series
Basic I/O
Unit
C200H
Group-2
High-
density I/O
Unit
CS-series
Special I/O
Unit
C200H-
series
Special I/O
Unit
CS-series
CPU Bus
Unit
5 V
system
26 V
system
CS1 Expansion
Backplanes
For CS-series
Unit only
Note: C200H-
series Units
cannot be
mounted.
3 slots
Yes
No
No
Yes
No
Yes
0.23
---
CS1W-BI032
U, C, N, L,
CE
5 slots
0.23
---
CS1W-BI052
8 slots
0.23
---
CS1W-BI082
10 slots
0.23
---
CS1W-BI102
For both CS/
C200H-series
Units
3 slots
Yes
Yes
Yes
0.23
---
CS1W-BI033
5 slots
0.23
---
CS1W-BI053
8 slots
0.23
---
CS1W-BI083
10 slots
0.23
---
CS1W-BI103
Dimensions (mm)
3 slots (CS1W-BCI032/033): 260 x 132 (W x H)
5 slots (CS1W-BI052/053):
330 x 132 (W x H)
8 slots (CS1W-BI082/083):
435 x 132 (W x H)
10 slots (CS1W-BI102/103):
505 x 132 (W x H)
C200HX/HG/HE
Expansion
I/O Backplane
For C200H-series
Unit only
Note: CS-series
Units
cannot be
mounted.
3 slots
No
Yes
Yes
No
Yes
No
0.15
---
C200HW-BI031
U, C, N, L,
CE
5 slots
0.15
---
C200HW-BI051
8 slots
0.15
---
C200HW-BI081-V1
10 slots
0.15
---
C200HW-BI101-V1
Dimensions (mm)
3 slots (C200HW-BI031):
189 x 132 (W x H)
5 slots (C200HW-BI051):
259 x 132 (W x H)
8 slots (C200HW-BI081-V1): 364 x 132 (W x H)
10 slots (C200HW-BI101-V1): 434 x 132 (W x H)
Product name
Specifications
CPU Unit
mounted
to CPU
Backplane
Mountable configuration units
Current
consumption
(A)
Model
Standards
Basic I/O Units
Special I/O Units
CPU Bus
Units
CS-series
Basic I/O
Unit
C200H-
series
Basic I/O
Unit
C200H
Group-2
High-
density
I/O Unit
CS-series
Special
I/O Unit
C200H-
series
Special
I/O Unit
CS-series
CPU Bus
Unit
5 V
system
26 V
system
CS1 Expansion
Backplanes
For CS-series
Unit only
Note: C200H-
series Units
cannot be
mounted.
3 slots
CS1 CPU
Unit
Yes
No
Yes
No
Yes
*
0.23
---
CS1W-BI032
U, C, N,
CE
5 slots
0.23
---
CS1W-BI052
8 slots
0.23
---
CS1W-BI082
10 slots
0.23
---
CS1W-BI102
For both CS/
C200H-series
Units
3 slots
0.23
---
CS1W-BI033
U, C, N, L,
CE
5 slots
0.23
---
CS1W-BI053
8 slots
0.23
---
CS1W-BI083
10 slots
0.23
---
CS1W-BI103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com