Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS1W-RPT02 Datasheet(PDF) 66 Page - Omron Electronics LLC

Part # CS1W-RPT02
Description  Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-RPT02 Datasheet(HTML) 66 Page - Omron Electronics LLC

Back Button CS1W-RPT02 Datasheet HTML 62Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 63Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 64Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 65Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 66Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 67Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 68Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 69Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 70Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 66 / 70 page
background image
54
Programmable Controllers SYSMAC
CS1G/H
This section shows the corresponding CS1 I/O models and notes for replacing C200H I/O Units.
16-point DC Input Units
32-point DC Input Units
32-point DC Input Units (cntd.)
64-point DC Input Units
64-point DC Input Units (cntd.)
16-point Sinking Transistor Output Units
Replacing C200H I/O Units
Item
C200H I/O Unit
Corresponding
CS1 I/O Unit
Model number
C200H-ID212
CS1W-ID211
Description
16-point DC Input Units with terminal blocks
Notes
The terminal arrangement must be changed.
The impedance increases (from 3k
Ω to 3.3kΩ). Check that
correct operation is possible in cases where increased
impedance may influence operation.
The internal 5-V current consumption increases (from
10mA to 100mA). Check that the increased current is
within the range of the power supply.
Item
C200H I/O Unit
Corresponding
CS1 I/O Unit
Model number
C200H-ID218
CS1W-ID231
Description
32-point DC Input Units with connectors. The connectors,
the pin arrangement, and the input specifications are the
same.
Notes
There are 2 commons instead of 1. Connect where
necessary.
The internal 5-V current consumption increases (from
100mA to 150mA). Check that the increased current is
within the range of the power supply.
Item
C200H I/O Unit
Corresponding
CS1 I/O Unit
Model number
C200H-ID216
CS1W-ID231
Description
32-point DC Input Units with connectors. The connectors
and the pin arrangement are the same. The input current
increases, allowing use with a wider range of devices.
Notes
There are 2 commons instead of 1. Connect where
necessary.
The input specifications change (e.g., the impedance
decreases and the input current increases from 4.1mA to
6mA.) Check that correct operation is possible in cases
where changes in input specifications may influence
operation.
The internal 5-V current consumption increases (from
100mA to 150mA). Check that the increased current is
within the range of the power supply.
Item
C200H I/O Unit
Corresponding
CS1 I/O Unit
Model number
C200H-ID219
CS1W-ID261
Description
64-point DC Input Units with connectors. The connectors,
the pin arrangement, and the input specifications are the
same.
Notes
There are 4 commons instead of 2. Connect where
necessary.
The internal 5-V current consumption increases (from
120mA to 150mA). Check that the increased current is
within the range of the power supply.
Item
C200H I/O Unit
Corresponding
CS1 I/O Unit
Model number
C200H-ID217
CS1W-ID261
Description
64-point DC Input Units with connectors. The connectors
and the pin arrangement are the same. The input current
increases, allowing use with a wider range of devices.
Notes
There are 4 commons instead of 2. Connect where
necessary.
The input specifications change (e.g., the impedance
decreases and the input current increases from 4.1mA to
6mA.) Check that correct operation is possible in cases
where changes in input specifications may influence
operation.
The internal 5-V current consumption increases (from
100mA to 150mA). Check that the increased current is
within the range of the power supply.
Item
C200H I/O Unit
Corresponding
CS1 I/O Unit
Model number
C200H-OD212
CS1W-OD211
Description
16-point Transistor Output (sinking) Units with terminal
blocks. The output current capacity increases (from 0.3A
per point and 4.8A per Unit to 0.5A per point and 8A per
Unit). The rated voltage range also increases (from 24V to
any voltage in the range 12 to 24V.)
Notes
The terminal arrangement must be changed.
The output specifications change. Check that correct
operation is possible in cases where changes in output
specifications may influence operation. (Residual voltage
increases from 0.8V to 1.5V, ON response time increases
from 0.1ms to 0.5ms, OFF response time increases from
0.3ms to 1ms.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com