Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS1W-RPT02 Datasheet(PDF) 36 Page - Omron Electronics LLC

Part # CS1W-RPT02
Description  Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-RPT02 Datasheet(HTML) 36 Page - Omron Electronics LLC

Back Button CS1W-RPT02 Datasheet HTML 32Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 33Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 34Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 35Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 36Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 37Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 38Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 39Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 40Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 70 page
background image
24
Programmable Controllers SYSMAC
CS1G/H
Note: Either of the serial communications modes listed in the following table can be used to connect CX-One Support Software (e.g., the CX-Programmer) to a
CS1-series PLC.
■ Programming Console
■ Connecting Cables for NS-series PTs
Serial communications mode
Features
Peripheral bus
This mode can provide high-speed communications, so this mode is normally used to connect when using CX-One component
software such as the CX-Programmer.
• Supports 1:1 connections only.
• The Programming Device’s baud rate
Host Link (SYSWAY)
This is a general host computer communications protocol, which supports 1:1 and 1:N connections.
• Host link operates at a slower speed than peripheral bus.
• Host link supports 1:N connections as well as long-distance connections when RS-422A/RS-485 is used for a connection
through a modem or optical adapter.
Product name
Specifications
Cable model
(Separate item)
Connection configuration
Model
Standards
Programming Console
Can be connected
to the CPU Unit’s
peripheral port
only. Cannot be
connected to the
RS-232C port.
A CS1W-KS001-E
Programming
Console Key
Sheet is required
(sold separately).
CS1W-CN224: 2 m
CS1W-CN624: 6 m
C200H-PRO27-E
U, C, N, CE
Programming Console Key
Sheet
For the following Programming Consoles: C200H-PRO27
CS1W-KS001-E
CE
Programming
Console
Connecting
Cable
For C200H-PRO27 connection, Cable length: 2 m
CS1W-CN224
For C200H-PRO27 connection, Cable length: 6 m
CS1W-CN624
Product name
Specifications
Model
Standards
Connection configuration
Cable length
Connecting Cables for
NS-series PTs
Connecting Cables between an NS-series PT and the RS-232C port of CPU Unit
or Serial Communications Board/Unit
2 m
XW2Z-200T
---
5 m
XW2Z-500T
Connecting Cables between an NS-series PT and the peripheral port of CPU Unit
2 m
XW2Z-200T-2
5 m
XW2Z-500T-2
Programming
Console
C200H-PRO27
Programming
Console
Key Sheet
CS1W-KS001
Peripheral port
CS1W-CN224 (2 m)
CS1W-CN624 (6 m)
RS-232C Cable
XW2Z-200T (2 m)
XW2Z-500T (5 m)
RS-232C
CPU Unit's built-in
RS-232C port
Serial
Communications
Board's
NS-series PT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com