Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS1W-RPT02 Datasheet(PDF) 59 Page - Omron Electronics LLC

Part # CS1W-RPT02
Description  Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-RPT02 Datasheet(HTML) 59 Page - Omron Electronics LLC

Back Button CS1W-RPT02 Datasheet HTML 55Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 56Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 57Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 58Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 59Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 60Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 61Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 62Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 63Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 70 page
background image
Programmable Controllers SYSMAC
CS1G/H
47
■ Analog Input Units
■ Analog Output Units
■ Analog I/O Units
Unit
type
Product
name
Specifications
Mountable Racks
No. of
unit
numbers
allocated
Current
consumption
(A)
Model
Standards
I/O
points
Sig-
nal
range
selec-
tion
Signal
range
Reso-
lution
Conver-
sion
speed
External
connec-
tion
CPU Rack C200HX/
HG/HE
Expansion
I/O Rack
CS1
Expansion
Rack
CS1 Long-
distance
Expansion
Rack
SYSMAC
BUS
Slave
Rack
CS1W-BC
CS1W-BI
5 V
system
26 V
system
@@3 @@2
@@3 @@2
C200H
Special
I/O Unit
Analog
Input
Units
8
inputs
8
com-
mon
1 to 5 V,
4 to 20 mA,
0 to 10 V,
-10 to 10 V
1/4000
2.5 ms/
input
max.
Con-
nector
Yes
No
Yes
Yes
No
No
Yes
1 unit
number’s
words
0.45
---
C200H-AD002
U, C, N, L,
CE
8
inputs
8
com-
mon
1 to 5 V,
4 to 20 mA,
0 to 10 V,
-10 to 10 V
1/4000
1 ms/
input
Remov-
able
termi-
nal
block
Yes
No
Yes
Yes
No
No
Yes
0.10
0.10
C200H-AD003
Unit
type
Product
name
Specifications
Mountable Racks
No. of
unit
numbers
allocated
Current
consumption
(A)
Model
Standards
I/O
points
Signal
range
selection
Signal
range
Resolu-
tion
Conver-
sion
speed
External
connec-
tion
CPU Rack C200HX/
HG/HE
Expansion
I/O Rack
CS1
Expansion
Rack
CS1 Long-
distance
Expansion
Rack
SYSMAC
BUS
Slave
Rack
CS1W-BC
CS1W-BI
5 V
system
26 V
system
@@3 @@2
@@3 @@2
C200H
Special
I/O Unit
Analog
Output
Units
4
outputs
4
inde-
pendent
4 to 20 mA,
-10 to
10 V
Voltage
1/8190,
Current
1/4095
2.5 ms/
output
Remov
able
termi-
nal
block
Yes
No
Yes
Yes
No
No
Yes
1 unit
number’s
words
0.60
---
C200H-DA002
U, C, N, L,
CE
8
outputs
8
inde-
pendent
1 to 5 V,
0 to 10 V,
-10 to 10 V
1/4000
1 ms/
output
Yes
No
Yes
Yes
No
No
Yes
0.10
0.20
C200H-DA003
8
outputs
8
inde-
pendent
4 to 20 mA
1/4000
1 ms/
output
Yes
No
Yes
Yes
No
No
Yes
0.10
0.25
C200H-DA004
Unit
type
Product
name
Specifications
Mountable Racks
No. of
unit
numbers
allocated
Current
consumption
(A)
Model
Standards
I/O
points
Signal
range
selection
Signal range
Resolu-
tion
Conver-
sion
speed
External
connec-
tion
CPU Rack C200HX/
HG/HE
Expansion
I/O Rack
CS1
Expansion
Rack
CS1 Long-
distance
Expansion
Rack
SYSMAC
BUS
Slave
Rack
CS1W-BC
CS1W-BI
5 V
system
26 V
system
@@3 @@2
@@3 @@2
C200H
Special
I/O Unit
Analog
I/O
Units
2
inputs
2 inde-
pendent
1 to 5 V,
0 to 10 V,
-10 to 10 V,
4 to 20 mA
1/4000
1 ms/
input
Remov-
able
terminal
block
Yes
No
Yes
Yes
No
No
Yes
1 unit
number’s
words
0.10
0.20
C200H-MAD01
U, C, N, L,
CE
2
outputs
2 inde-
pendent
1 to 5 V,
0 to 10 V,
-10 to 10 V,
4 to 20 mA
1/4000
1 ms/
output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com