Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS1W-RPT02 Datasheet(PDF) 58 Page - Omron Electronics LLC

Part # CS1W-RPT02
Description  Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-RPT02 Datasheet(HTML) 58 Page - Omron Electronics LLC

Back Button CS1W-RPT02 Datasheet HTML 54Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 55Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 56Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 57Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 58Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 59Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 60Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 61Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 62Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 70 page
background image
46
Programmable Controllers SYSMAC
CS1G/H
■ High-density Input Units (Special I/O Units)
These Units function mainly like I/O Units, but are classified as Special I/O Units.
● Connectors for High-density I/O Units Classified as Special I/O Units
■ Temperature Sensor Units
C200H Special I/O Units
Unit type
Product name
Specifications
Mountable Racks
No. of
unit
numbers
allocated
Current
consumption
(A)
Model
Standards
CPU Rack
C200HX/
HG/HE
Expansion
I/O Rack
CS1
Expansion
Rack
CS1 Long-
distance
Expansion
Rack
SYSMAC
BUS
Slave
Rack
CS1W-BC
CS1W-BI
5 V
system
26 V
system
@@3 @@2
@@3 @@2
C200H Special
I/O Units
DC Input Unit
24 VDC
32 inputs
Yes
No
Yes
Yes
No
No
Yes
1 unit
number’s
words
0.13
---
C200H-ID215
U, C, N, L,
CE
TTL Input Unit
5 VDC
32 inputs
Yes
No
Yes
Yes
No
No
Yes
0.13
---
C200H-ID501
Transistor
Output Units
24 VDC
32 outputs Sinking
Yes
No
Yes
Yes
No
No
Yes
0.22
---
C200H-OD215
TTL Output
Units
5 VDC
32 inputs Sinking
Yes
No
Yes
Yes
No
No
Yes
0.22
---
C200H-OD501
TTL I/O Unit
5 VDC
16 inputs/outputs Sinking
Yes
No
Yes
Yes
No
No
Yes
0.18
---
C200H-MD501
DC Input/
Transistor
Output Units
24 VDC
16 inputs/outputs Sinking
Yes
No
Yes
Yes
No
No
Yes
0.18
---
C200H-MD215
DC Input/
Transistor
Output Units
12 VDC
16 inputs/outputs Sinking
Yes
No
Yes
Yes
No
No
Yes
0.18
---
C200H-MD115 U, C, N, L
Product name
Connection
Part name
Model
Standards
Applicable Connectors
Soldered
FCN-361J024-AU Connector
FCN-360C024-J2 Connector cover
C500-CE241
(Provided with the Unit.)
---
Crimped
FCN-363J024
Housing
FCN-363J-AU
Contact
FCN-360C024-J2 Connector cover
C500-CE242
Pressure welded
FCN-367J024-AU/F
C500-CE243
Unit
type
Product
name
Specifications
Mountable Racks
No. of
unit
numbers
allocated
Current
consumption
(A)
Model
Standards
I/O
points
Signal
range
selec-
tion
Signal
range
Conver-
sion
speed
External
connec-
tion
CPU Rack
C200HX/
HG/HE
Expansion
I/O Rack
CS1
Expansion
Rack
CS1 Long-
distance
Expansion
Rack
SYSMAC
BUS
Slave
Rack
CS1W-BC
CS1W-BI
5 V
system
26 V
system
@@3 @@2
@@3 @@2
C200H
Special
I/O Unit
Tempera-
ture
Sensor
Units
4
inputs
4
com-
mon
Thermo-
couple
K, J
4.8 s
max.
(when 4
inputs
are used
per Unit)
Remov-
able
termi-
nal
block
Yes
No
Yes
Yes
No
No
Yes
1 unit
number’s
words
0.45
---
C200H-TS001
U, C
4
inputs
4
com-
mon
Thermo-
couple
K, L
Yes
No
Yes
Yes
No
No
Yes
0.45
---
C200H-TS002
4
inputs
4
com-
mon
Ther-
mome-
ter
JPt100
Yes
No
Yes
Yes
No
No
Yes
0.45
---
C200H-TS101
4
inputs
4
com-
mon
Ther-
mome-
ter
Pt100
Yes
No
Yes
Yes
No
No
Yes
0.45
---
C200H-TS102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com