Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS1W-RPT02 Datasheet(PDF) 54 Page - Omron Electronics LLC

Part # CS1W-RPT02
Description  Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-RPT02 Datasheet(HTML) 54 Page - Omron Electronics LLC

Back Button CS1W-RPT02 Datasheet HTML 50Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 51Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 52Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 53Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 54Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 55Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 56Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 57Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 58Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 70 page
background image
42
Programmable Controllers SYSMAC
CS1G/H
● H-PCF Optical Fiber Cables with Connectors (Black Composite Cables with Two-Optical Lines and Two Power Supply
Lines)
Note: Optical connectors for H-PCF Optical Cables with Connectors are adhesive polished.
• Cable Length
The following cable lengths are available: 2 m, 5 m, 15 m, and
20 m. For lengths of 21 m or more, contact your OMRON sales
representative.
• Model Numbers
• Optical Connector Assembly Tool
* There is a risk of quality problems when using cables assembled by typical
users, so we recommend purchasing cables with pre-attached connectors
or having a qualified technician assemble the cables.
● GI Optical Cables
A qualified technician must select, assemble, and install GI
Optical Fiber Cable, so always let an optical cable specialist
handle the GI cable.
Usable Optical Fiber Cables and Optical Connectors
• Optical fiber types: Graded, indexed, multi-mode, all quartz
glass, fiber (GI-type AGF cable)
• Optical fiber construction (core diameter/clad diameter):
62.5/125 µm or 50/125 µm
• Optical fiber optical characteristics of optical fiber: Refer to the
tables.
• Optical connectors: ST connectors (IEC-874-10)
• 50/125 µm AGF Cables
Lf is Fiber length in km, Ta is ambient temperature, and
λ is the peak
wavelength of the test light source.
• 62.5/125 µm AGF Cables
Lf is Fiber length in km, Ta is ambient temperature, and
λ is the peak
wavelength of the test light source.
Applicable
Appearance
Model
Standards
Controller Link
SYSMAC LINK
S3200-CN
@@@-20-20
---
S3200-CN
@@@-20-25
S3200-CN
@@@-25-25
@@@
201
501
102
152
202
Length
2m
5m
10m
15m
20m
20
25
No.
Connector lock
Half-lock
Full-lock
(1) 2 m, 5 m, 10 m, 15 m, 20 m
(e.g.)
S3200-CN
@@@
@@@-20-25
(1)
(2)
(3)
(2) 21 m or longer
(e.g.)
S3200-CN-20-20
(1)
(3) Specify the
cable length
in meters
(2) Cable length
(3) Connectors (both ends)
(1) H-PCF
Optical Fiber Cable
Cable length
Product
name
Applicable Units
Model
Maker
Standards
Optical
Fiber
Assembly
Tool
*
This tool is used on site
for mounting crimp-cut
connectors and hard
plastic-clad silica optical
fiber for optical
transmission systems of
SYSMAC C-series
SYSBUS, SYSMAC
LINK, and Controller
Link.
CAK-0057
Sumitomo
Electric
Industries,
Ltd.
---
Items
Minimum Typical
Maximum
Remarks
Numerical
Aperture (N.A)
---
0.21
---
---
Transmission
loss (dB)
---
---
3.0Lf
0.5 km
≤ Lf
λ = 0.8 µm,
Ta = 25°C
3.0 Lf + 0.2
0.2 km
≤ Lf ≤ 0.5 km
3.0 Lf + 0.4
Lf
≤ 0.2 km
Connection
loss (dB)
---
---
1.0
λ = 0.8 µm, one location
Transmission
band width
(MHz·km)
500
---
---
λ = 0.85 µm (LD)
Items
Minimum Typical
Maximum
Remarks
Numerical
Aperture (N.A)
---
0.28
---
---
Transmission
loss (dB)
---
---
3.5Lf
0.5 km
≤ Lf
λ = 0.8 µm,
Ta = 25°C
3.5Lf + 0.2
0.2 km
≤ Lf ≤ 0.5 km
3.5Lf + 0.4
Lf
≤ 0.2 km
Connection
loss (dB)
---
---
1.0
λ = 0.8 µm, one location
Transmission
band width
(MHz·km)
200
---
---
λ = 0.85 µm (LD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com