Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS1W-RPT02 Datasheet(PDF) 44 Page - Omron Electronics LLC

Part # CS1W-RPT02
Description  Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-RPT02 Datasheet(HTML) 44 Page - Omron Electronics LLC

Back Button CS1W-RPT02 Datasheet HTML 40Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 41Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 42Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 43Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 44Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 45Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 46Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 47Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 48Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 70 page
background image
32
Programmable Controllers SYSMAC
CS1G/H
■ Temperature Sensor Input Units (Process I/O Units)
Special I/O Units, CPU Bus Units, and Inner Boards
CS1 Special I/O Units, CPU Bus Units, and Inner Boards
Unit
type
Product
name
Specifications
Mountable Racks
No. of
unit
numbers
allocated
Current
consumption
(A)
Model
Standards
I/O
points
Signal
range
selection
Signal
range
Conver-
sion
speed
External
connection
CPU Rack C200HX/
HG/HE
Expan-
sion I/O
Rack
CS1
Expansion
Rack
CS1
Long-
dis-
tance
Expan-
sion
Rack
SYSMAC
BUS
Slave
Rack
CS1W-BC
CS1W-BI
5 V
system
26 V
system
@@3 @@2
@@3 @@2
CS1
Special
I/O
Units
Isolated-
type Ther-
mocouple
Input Units
4
inputs
4
indepen-
dent
B, E, J, K,
L, N, R, S,
T, U,
WRe5-26,
PL II,
±100 mV
20 ms/
4 inputs,
10 ms/
2 inputs
Removable
terminal
block
Yes
Yes
No
Yes
Yes
Yes
No
1 unit
number’s
words
0.12
0.08
CS1W-PTS11
UC1, N,
CE
4
inputs
4
indepen-
dent
R, S, K, J,
T, L, B
250 ms/
4 inputs
Yes
Yes
No
Yes
Yes
Yes
No
0.25
---
CS1W-PTS51
UC1, CE
8
inputs
8
indepen-
dent
R, S, K, J,
T, L, B
250 ms/
8 inputs
Yes
Yes
No
Yes
Yes
Yes
No
0.18
0.06
CS1W-PTS55
4
inputs
4
indepen-
dent
B, E, J, K,
N, R, S, T,
±80mV
150 ms/
4 inputs
Yes
Yes
No
Yes
Yes
Yes
No
0.15
0.15
CS1W-PTS01-V1
Isolated-
type
Resistance
Thermome-
ter Input
Units
4
inputs
4
indepen-
dent
Pt100
Ω
(JIS, IEC),
JPt100
Ω,
Pt50
Ω,
Ni508.4
Ω
20 ms/
4 inputs,
10 ms/
2 inputs
Yes
Yes
No
Yes
Yes
Yes
No
0.12
0.07
CS1W-PTS12
UC1, N,
CE
4
inputs
4
indepen-
dent
Pt100
Ω
(JIS, IEC),
JPt100
Ω
250 ms/
4 inputs
Yes
Yes
No
Yes
Yes
Yes
No
0.25
---
CS1W-PTS52
UC1, CE
8
inputs
8
indepen-
dent
Pt100
Ω
(JIS, IEC),
JPt100
Ω
250 ms/
8 inputs
Yes
Yes
No
Yes
Yes
Yes
No
0.18
0.06
CS1W-PTS56
4
inputs
4
indepen-
dent
Pt100
Ω
(JIS, IEC),
JPt100
Ω
100 ms/
4 inputs
Yes
Yes
No
Yes
Yes
Yes
No
0.15
0.15
CS1W-PTS02
Isolated-
type
Resistance
Thermome-
ter Input
Unit
(Ni508.4 W)
4
inputs
4
indepen-
dent
Ni508.4
Ω
100 ms/
4 inputs
Yes
Yes
No
Yes
Yes
Yes
No
0.15
0.15
CS1W-PTS03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com