Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS1W-RPT02 Datasheet(PDF) 22 Page - Omron Electronics LLC

Part # CS1W-RPT02
Description  Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-RPT02 Datasheet(HTML) 22 Page - Omron Electronics LLC

Back Button CS1W-RPT02 Datasheet HTML 18Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 19Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 20Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 21Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 22Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 23Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 24Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 25Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 26Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 70 page
background image
10
Programmable Controllers SYSMAC
CS1G/H
■ Mounting Height
The mounted height of CPU Racks, Expansion Racks, and Slave
Racks is 118 to 153 mm, depending on I/O Units that are
mounted.
If Programming Devices or connecting cables are attached, the
additional dimensions must be taken into account. Allow sufficient
clearance in the control panel in which the PLC is mounted.
● CS1 I/O Connecting Cable
● C200H I/O Connecting Cable
● CS1 to C200H I/O Connecting Cable
● Connecting Cable for Long-distance Expansion
118 mm to 153 mm
180 mm to 223 mm
Note: When using Expansion Racks, the total
length of the I/O Connecting Cables
must be less than 12 m. When bending
an I/O Connecting Cables, provide at
least the minimum bending radius
shown in the following diagrams.
RR
≥ 69 mm required
Note: Cable thickness: 8.6 mm dia.
R
≥ 41 mm required
R
Note: Cable thickness: 5.1 mm dia.
R
≥ 41 mm required
R
Note: Cable thickness: 5.1 mm dia.
RR
≥ 80 mm required
Note: Cable thickness: 10 mm dia.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com