Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS1W-RPT02 Datasheet(PDF) 18 Page - Omron Electronics LLC

Part # CS1W-RPT02
Description  Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-RPT02 Datasheet(HTML) 18 Page - Omron Electronics LLC

Back Button CS1W-RPT02 Datasheet HTML 14Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 15Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 16Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 17Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 18Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 19Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 20Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 21Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 22Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 70 page
background image
6
Programmable Controllers SYSMAC
CS1G/H
● When Using a C200HX/HG/HE Expansion I/O Rack
It is possible to connect to an existing C200HX/HG/HE Expansion I/O Rack.
CS1 CPU Rack, CS1 Expansion Racks, and C200HX/HG/HE Expansion I/O Racks
CS1 CPU Rack and C200HX/HG/HE Expansion I/O Racks
12 m
CS1 Expansion
Backplane
CS1W-BI
@@@
C200HX/HG/HE
Expansion
I/O Backplane
C200HW-BI
@@@
C200HX/HG/HE
Expansion
I/O Backplane
C200HW-BI
@@@
Power Supply Unit
C200HW-P
@@@@(@)
Power Supply Unit
C200HW-P
@@@@(@)
Power Supply Unit
C200HW-P
@@@@(@)
CPU Rack
CS1 Expansion Rack
(See note.)
C200HX/HG/HE Expansion
I/O Rack
C200HX/HG/HE Expansion
I/O Rack
CS1 I/O Connecting Cable
CS1W-CN
@@3
C200H I/O
Connecting
Cable
C200H-CN
@@1
CS1 to C200H I/O
Connecting Cable
CS1W-CN
@@1
Expansion Racks Configuration
• CS1 Expansion Racks
• C200HX/HG/HE Expansion Racks
•Cables
Unit name
Required number of units
Expansion Backplane
(CS1W-BI
@@@)
1
Power Supply Unit
1
Maximum Number of
Configuration Units
Varies by backplane model
Unit name
Required number of units
C200HX/HG/HE
Expansion I/O
Backplane
(C200HW-BI
@@@)
One required for each
Expansion Rack
Power Supply Unit
One required for each
Expansion Rack
Maximum Number of
Configuration Units
Varies by backplane model
Cable name
Required number of cables
CS1 I/O Connecting
Cable
(CS1W-CN
@@3)
Number of CS1 Expansion
Racks
CS1 to C200H I/O
Connecting Cable
(CS1W-CN
@@1)
1
C200H I/O Connecting
Cable
(C200H-CN
@@1)
Number of C200HX/HG/HE
Expansion I/O Racks
minus 1
Note: Multiple CS1 Expansion Racks can be connected, but the total number of Expansion Racks
must not exceed the maximum of 7. In addition, the Racks must be connected in order, with
CS1 Expansion Racks connected before C200HX/HG/HE Expansion I/O Racks.
CPU Rack
C200HX/HG/HE I/O
Expansion Rack
C200HX/HG/HE I/O
Expansion Rack
C200HX/HG/HE I/O
Expansion Rack
CS1 to C200H I/O
Connecting Cable
CS1W-CN
@@1
C200H I/O
Connecting Cable
C200H-CN
@@1
C200H I/O
Connecting Cable
C200H-CN
@@1
12 m
C200HX/HG/HE
Expansion
I/O Backplane
C200HW-BI
@@@
C200HX/HG/HE
Expansion
I/O Backplane
C200HW-BI
@@@
C200HX/HG/HE
Expansion
I/O Backplane
C200HW-BI
@@@
Power Supply Unit
C200HW-P
@@@@(@)
Power Supply Unit
C200HW-P
@@@@(@)
Power Supply Unit
C200HW-P
@@@@(@)
Expansion Racks Configuration
• C200HX/HG/HE Expansion I/O Racks
•Cables
Unit name
Required number of units
C200HX/HG/HE
Expansion I/O
Backplane
(C200HW-BI
@@@)
One required for each
Expansion Rack
Power Supply Unit
One required for each
Expansion Rack
Maximum Number of
Configuration Units
Varies by backplane model
Cable name
Required number of cables
CS1 to C200H I/O
Connecting Cable
(CS1W-CN
@@1)
1
C200H I/O Connecting
Cable
(C200H-CN
@@1)
Number of C200HX/HG/HE
Expansion I/O Racks
minus 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com