Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS1W-RPT02 Datasheet(PDF) 50 Page - Omron Electronics LLC

Part # CS1W-RPT02
Description  Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-RPT02 Datasheet(HTML) 50 Page - Omron Electronics LLC

Back Button CS1W-RPT02 Datasheet HTML 46Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 47Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 48Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 49Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 50Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 51Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 52Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 53Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 54Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 70 page
background image
38
Programmable Controllers SYSMAC
CS1G/H
■ Motion Control Unit with MECHATROLINK-II interface
Unit type
Product name
Specifications
Mountable Racks
No. of
unit
numbers
allocated
Current
consumption
(A)
Model
Standards
CPU Rack C200HX/
HG/HE
Expansion
I/O Rack
CS1
Expansion
Rack
CS1 Long-
distance
Expansion
Rack
SYSMAC
BUS
Slave
Rack
CS1W-BC
CS1W-BI
5 V
system
26 V
system
@@3 @@2
@@3 @@2
CS1 CPU
Bus Unit
Motion Control
Unit with
MECHATROLINK-II
interface
For position, speed, and
torque references via
MECHATROLINK-II
32 axes max. (physical axes:
30 axes and virtual axes:
2 axes)
Special motion control
language
Yes
Yes
No
Yes
Yes
Yes
No
1 unit
number’s
words
0.80
---
CS1W-MCH71
UC1, CE
MECHATROLINK-II
Interface Unit
To connect OMNUC W-series Servo Drive ( R88D-WT
@) (Made by Yaskawa Corporation)
The model number at the right is used to order from OMRON.
FNY-NS115
---
MECHATROLINK-II
Cables
To connect MECHATROLINK-II compliant devices (Made by Yaskawa Corporation)
The model numbers at the right are used to order from OMRON.
Cable length: 0.5 m
FNY-W6003-A5
Cable length: 1 m
FNY-W6003-01
Cable length: 3 m
FNY-W6003-03
Cable length: 5 m
FNY-W6003-05
Cable length: 10 m
FNY-W6003-10
Cable length: 20 m
FNY-W6003-20
Cable length: 30 m
FNY-W6003-30
MECHATROLINK-II
Terminator
Terminating resistance for MECHATROLINK-II (Made by Yaskawa Corporation)
The model number at the right is used to order from OMRON.
FNY-W6022
MECHATROLINK-II
Repeater
Required for more than 15 slave or 30 m.
FNY-REP2000
24-VDC I/O Module
for
MECHATROLINK-II
64 inputs/outputs
FNY-IO2310
MECHATROLINK-II
Counter Module
Two reversible counters
FNY-PL2900
MECHATROLINK-II
Pulse Output
Module
Pulse-string positioning on two channels
FNY-PL2910



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com