Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS1W-RPT02 Datasheet(PDF) 31 Page - Omron Electronics LLC

Part # CS1W-RPT02
Description  Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-RPT02 Datasheet(HTML) 31 Page - Omron Electronics LLC

Back Button CS1W-RPT02 Datasheet HTML 27Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 28Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 29Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 30Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 31Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 32Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 33Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 34Page - Omron Electronics LLC CS1W-RPT02 Datasheet HTML 35Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 70 page
background image
Programmable Controllers SYSMAC
CS1G/H
19
■ Power Supply Units
One Power Supply Unit is required for each Rack.
*C200HW-PA204/PA204R Power Supply Units shipped before March 2010 have power supply voltage specifications of 100 to 120 VAC/200 to 240 VAC, 50/60 Hz.
■ CS1 CPU Backplane
Note 1: C200H-series Units cannot be mounted to CS-series Expansion Backplanes (CS1W-BI
@@2).
2: CS-series Units cannot be mounted to C200HX/HG/HE Expansion I/O Backplanes (C200HW-BI
@@2).
Product
name
Power
supply
voltage
Output capacity
Options
Mountable Racks
Model
Standards
5-VDCModel
Standards
output
capacity
26-VDC
output
capacity
Total
power con-
sumption
24-VDC
0.8 A
service
power
supply
RUN
output
Mainte-
nance
forecast
monitor
CPU
Rack
C200HX/
HG/HE
Expansion
I/O Rack
CS1
Expan-
sion
Rack
CS1 Long-
distance
Expan-
sion Rack
CS1D
CPU
Rack
CS1D
Expan-
sion
Rack
SYSMAC
BUS
Slave
Rack
AC Power
Supply
Unit
100 to 240
VAC (wide
range)
4.6 A
0.625 A
30 W
No
No
Yes
Yes
No
Yes
C200HW-PA204C
UC1, N,
L, CE
AC Power
Supply
Unit
100 to 240
VAC
(wide
range)
*
No
C200HW-PA204
U, C, N, L,
CE
4.6 A
0.625 A
30 W
No
Yes
No
C200HW-PA204R
U, C
4.6 A
0.625 A
(with
0.8 A,
24 VDC
service
power
supply)
30 W
Yes
No
No
C200HW-PA204S
U, C, N, L,
CE
100 to 120
VAC or 200
to 240 VAC
9 A
1.3 A
45 W
No
Yes
No
C200HW-PA209R
U, C, N, L,
CE
DC Power
Supply
Unit
24 VDC
4.6 A
0.625 A
30 W
No
No
No
C200HW-PD024
UC1, N,
L, CE
5.3 A
1.3 A
40 W
No
No
No
C200HW-PD025
Product name
Specifications
Appli-
cable
CPU
Unit
Mountable configuration units
Current
consumption
(A)
Model
Standards
Basic I/O Units
Special I/O Units
CPU Bus
Units
CS-series
Basic I/O
Unit
C200H-
series
Basic
I/O Unit
C200H
Group-2
High-
density I/O
Unit
CS-series
Special I/O
Unit
C200H-
series
Special I/O
Unit
CS-series
CPU Bus
Unit
5 V
system
26 V
system
CS1 CPU Backplane
For CS-series
Unit only
Note: C200H-
series Units
cannot be
mounted.
2 slots
(Note:
Expansion
Racks cannot
be connected.)
CS1
CPU
Unit
Yes
No
Yes
No
Yes
0.11
---
CS1W-BC022
U, C, N, L,
CE
3 slots
0.11
---
CS1W-BC032
5 slots
0.11
---
CS1W-BC052
8 slots
0.11
---
CS1W-BC082
10 slots
0.11
---
CS1W-BC102
For both CS/
C200H-series
Units
2 slots
(Note:
Expansion
Racks cannot
be connected.)
Yes
0.11
---
CS1W-BC023
3 slots
0.11
---
CS1W-BC033
5 slots
0.11
---
CS1W-BC053
8 slots
0.11
---
CS1W-BC083
10 slots
0.11
---
CS1W-BC103
Dimensions (mm)
2 slots (CS1W-BC022/023): 198.5 x 157 (W x H)
3 slots (CS1W-BC032/033): 260 x 132 (W x H)
5 slots (CS1W-BC052/053): 330 x 132 (W x H)
8 slots (CS1W-BC082/083): 435 x 132 (W x H)
10 slots (CS1W-BC102/103): 505 x 132 (W x H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com