| Electronic Components Datasheet Search |
|
DFE252012F-R47M Datasheet(PDF) 94 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
DFE252012F-R47M Datasheet(HTML) 94 Page - Analog Devices |
|
94 / 122 page ![]() BITFIELD BITS TYPE DESCRIPTION DECODE MFIO6_I 5 O Multifunction I/O 6 Interrupt 0x0 = MFIO6 input has not toggled. 0x1 = MFIO6 input has toggled. MFIO5_I 4 O Multifunction I/O 5 Interrupt 0x0 = MFIO5 input has not toggled. 0x1 = MFIO5 input has toggled. MFIO4_I 3 O Multifunction I/O 4 Interrupt 0x0 = MFIO4 input has not toggled. 0x1 = MFIO4 input has toggled. MFIO3_I 2 O Multifunction I/O 3 Interrupt 0x0 = MFIO3 input has not toggled. 0x1 = MFIO3 input has toggled. MFIO2_I 1 O Multifunction I/O 2 Interrupt 0x0 = MFIO2 input has not toggled. 0x1 = MFIO2 input has toggled. MFIO1_I 0 O Multifunction I/O 1 Interrupt 0x0 = MFIO1 input has not toggled. 0x1 = MFIO1 input has toggled. MFIO_MSK (0x61) BIT 7 6 5 4 3 2 1 0 Field MFIO8_M MFIO7_M MFIO6_M MFIO5_M MFIO4_M MFIO3_M MFIO2_M MFIO1_M Reset 0x1 0x1 0x1 0x1 0x1 0x1 0x1 0x1 Access Type Write, Read Write, Read Write, Read Write, Read Write, Read Write, Read Write, Read Write, Read BITFIELD BITS TYPE DESCRIPTION DECODE MFIO8_M 7 O Multifunction I/O 8 Interrupt Mask 0x0 = Enable MFIO8_I. 0x1 = Mask MFIO8_I. MFIO7_M 6 O Multifunction I/O 7 Interrupt Mask 0x0 = Enable MFIO7_I. 0x1 = Mask MFIO7_I. MFIO6_M 5 O Multifunction I/O 6 Interrupt Mask 0x0 = Enable MFIO6_I. 0x1 = Mask MFIO6_I. MFIO5_M 4 O Multifunction I/O 5 Interrupt Mask 0x0 = Enable MFIO5_I. 0x1 = Mask MFIO5_I. MFIO4_M 3 O Multifunction I/O 4 Interrupt Mask 0x0 = Enable MFIO4_I. 0x1 = Mask MFIO4_I. MFIO3_M 2 O Multifunction I/O 3 Interrupt Mask 0x0 = Enable MFIO3_I. 0x1 = Mask MFIO3_I. MFIO2_M 1 O Multifunction I/O 2 Interrupt Mask 0x0 = Enable MFIO2_I. 0x1 = Mask MFIO2_I. MFIO1_M 0 O Multifunction I/O 1 Interrupt Mask 0x0 = Enable MFIO1_I. 0x1 = Mask MFIO1_I. MFIO_STAT (0x62) BIT 7 6 5 4 3 2 1 0 Field MFIO8 MFIO7 MFIO6 MFIO5 MFIO4 MFIO3 MFIO2 MFIO1 Reset 0x0 0x0 0x0 0x0 0x0 0x0 0x0 0x0 Access Type Read Only Read Only Read Only Read Only Read Only Read Only Read Only Read Only BITFIELD BITS TYPE DESCRIPTION DECODE MFIO8 7 O Multifunction I/O 8 Status 0x0 = MFIO8 input is not asserted. 0x1 = MFIO8 input is asserted. MAX77542 16VIN/16A, Quad-Phase High-Efficiency Buck Converter www.analog.com Analog Devices | 94 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |