| Electronic Components Datasheet Search |
|
DFE252012F-R47M Datasheet(PDF) 40 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
DFE252012F-R47M Datasheet(HTML) 40 Page - Analog Devices |
|
40 / 122 page ![]() master and slave phases are activated and always switch in sequence during steady-state operation. The phases do not add or shed. Buck Operating Modes The buck converters have three operating modes shown in Figure 5. Transitions between the modes are determined by operating conditions and mode control settings. The operating mode setting can be changed any time while the I2C communication is available. Toggling between skip and FPWM modes is also controlled by the MFIOx pins (when the FPWM_Mx function is selected). Pull the FPWM_Mx (MFIOx) pin high to operate the corresponding buck in forced-PWM mode. When the FPWM_Mx (MFIOx) pin is held low, the operating mode is controlled by the Mx_LPM and the Mx_FPWM bits. DCM OPERATION DCM OPERATION REGULATED BY ERROR AMPLIFIER CCM OPERATION CCM OPERATION REGULATED BY ERROR AMPLIFIER ZX DETECTED AND AND Mx_FPWM = 0 AND AND FPWM_Mx = 0 ZX NOT DETECTED OR OR Mx_FPWM = 1 OR OR FPWM_Mx = 1 DCM OPERATION DCM OPERATION IN LOW IN LOW-POWER MODE -POWER MODE REGULATED BY UV COMPARATOR 8 TIMES OF < 4µs LX THREE-STATE DECTECTED OR OR Mx_LPM = 0 ZX NOT DETECTED OR OR Mx_FPWM = 1 OR OR FPWM_Mx = 1 2 TIMES OF > 8µs LX THREE-STATE DECTECTED AND AND Mx_LPM = 1 Figure 5. Buck Operating Modes Detail mode control settings are described below: Skip Mode In skip mode (Mx_LPM = LPM_Mx = Mx_FPWM = FPWM_Mx = 0), the buck converter operates either in discontinuous conduction mode (DCM) or continuous conduction mode (CCM) depending on loading. If the averaged output current is lower than a half of inductor peak-to-peak ripple current under light load condition, the low-side MOSFET turns off as soon as the inductor current drops to near zero ampere (zero-crossing). Then, the switching node (LX) remains in three- state (high impedance) until the next on-time is triggered. In this way, the buck prevents a negative inductor current which results in improving light-load efficiency by reducing the total number of switching cycles needed to regulate the output voltage. When no zero crossing (ZX) is detected (under heavier load), the buck controller goes into CCM where the averaged MAX77542 16VIN/16A, Quad-Phase High-Efficiency Buck Converter www.analog.com Analog Devices | 40 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |